Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT84 Datasheet(PDF) 2 Page - Bi technologies

Part # HT84
Description  ADSL Coupling Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HT84 Datasheet(HTML) 2 Page - Bi technologies

  HT84 Datasheet HTML 1Page - Bi technologies HT84 Datasheet HTML 2Page - Bi technologies HT84 Datasheet HTML 3Page - Bi technologies HT84 Datasheet HTML 4Page - Bi technologies HT84 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
6-212
Model HT84 Series
Notes: (1) Supports Alcatel MTK20131/134AFE with DCR
≤0.5/0.8Ω.
(2) Supports Alcatel MTK20131/134AFE with DCR
≤2.0/1.2Ω.
(3) Supports Motorola MCI145650 (MC03AX1256CO line driver) with DCR
≤4.0/1.91, 1.91Ω.
(4) Supports Motorola MCI145650 (MC03AX1256CO line driver) with DCR
≤7.4/2.1, 2.1Ω.
(5) Supports Analog Devices AD20MSP910/918 with DCR
≤3.0/3.0Ω.
(6) Supports Globespan 7M640 with DCR
≤1.2/1.2Ω and DWV at 3,000 Vrms.
(7) Supports Globespan 7M640 with DCR
≤1.2/1.2Ω.
(8) Supports Elantec EL-1501 with DCR
≤1.0/1.0Ω.
(9) Supports Alcatel MTK 20131/134AFE with DCR
≤1.3/1.2Ω.
(10) Supports Elantec EL-1501 with DCR
≤1.4/2.2Ω.
(11) OCL tested @ 10kHz, 100mV with appropriate IDC.
(12) THD tested @ 5kHz, 6Vp-p with 100
Ω load.
(13) Longitudinal balance: freqency range specified at 100
Ω.
(14) THD tested @50kHz, 5.3 Vrms.
(15) Supports ITeX Apollo II/STMicroelectronics with DCR : 2.53/2.56
Ω.
(16) Supports ITeX Apollo II/STMicroelectronics & Alcatel MTK-20140 with DCR : 3.4/3.45
Ω.
(17) Supports Globespan EL1501 with DCR <0.8/0.8
Ω.
Open Circuit
Return
Inductance
Loss
Insertion
Longitudinal
Part
Turns Ratio
Chip Side (11) @ Mid Band
Loss
Balance (13)
THD
Number
Application
Chip-Line
± 10%
dB Min.
dB Max.
dB Min.
dB Max.
Fig.
Sch.
HT84-00594 (1)
COE
1:1:2:2
110µH
16
3.0
40
-75 (12) 2 or 3
3
.2-2 MHz
.4-2MHz
.25-1.1MHz
HT84-00595 (7)
COE
1.41:1
940µH
16.5
3.0
60
-80 (12) 2 or 3
3
.4-2 MHz
.4-2MHz
.40-320kHz
HT84-00596 (9)
CPE
1:1:1:1
410µH
16
3.0
55
-85 (12) 2 or 3
2
03-1.1MHz
.3-2MHz
.25-1.1MHz
HT84-00597 (10)
COE
1:1.41
475µH
16
1.0
55
-70 (12) 2 or 3
2
40-200kHz
.3-2MHz
.25-1.1MHz
HT84-00879 (15)
CPE
1:1:1:1
470µH±5%
10
1.5
50
-82 (14)
34
0.1-1.1MHz
1MHz
0.02-1.1MHz
HT84-00880 (16)
CPE
1:1:1:1
470µH±5%
8
1.0
50
-82 (14)
34
0.1-1.1MHz
1MHz
0.02-1.1MHz
HT84-00881 (17)
CPE
1:1:1:1
470.5µH±5%
10
0.7
50
-82 (14)
35
0.1-1.1MHz
1MHz
0.02-1.1MHz
HT84-99725 (2)
CPE
1:1:1:1
440µH
16
3.0
40
-70 (12) 2 or 3
3
.2-2MHz
.4-2MHz
.25-1.1MHz
HT84-99726 (3)
COE
1ct:1.2
2.75mH
16.5
1.0
40
-80 (12) 2 or 3
1
.4-2MHz
.3-1MHz
.25-1.1MHz
HT84-99727 (4)
CPE
1.8:1
12.96mH
16
1.0
40
-75 (12) 2 or 3
1
.3-1.1MHz
.3-1MHz
.25-1.1MHz
HT84-99728 (5)
CO/CP
1:1:1:1
5.0mH
16.5
1.0
40
-80 (12) 2 or 3
3
.3-1.1MHz
.3-2MHz
.25-1.1MHz
HT84-99729 (6)
COE
1.41:1
940µH
16.5
3.0
62
-70 (12)
12
.4-2MHz
.4-2MHz
40-320MHz
HT84-99730 (8)
CPE
1:1:1:1
410µH
16
3.0
55
-85 (12) 2 or 3
3
.3-1.1MHz
.3-2MHz
.25-1.1MHz
ELECTRICAL @ 25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com