Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFET04SC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AFET04SC
Description  Photoelectrics Fibre Optics, Plastic, Economy Line
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AFET04SC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AFET04SC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications are subject to change without notice (06.02.2006)
1
Types AFET, AFED
Fibre Optics, Plastic, Economy Line
Photoelectrics
• Fibre diameter
∅1, outer diameter ∅2.2
• Bending radius 25 mm
• For use with PD40 and PD60 series
• Nickel-plated brass detection heads
Type Selection
Distance [mm]
Dimensions
Ordering no.
PD40
PD60
[mm]
100
200
AFET 01 SC
400
800
AFET 02 SC
600
1200
AFET 03 SC
40
70
AFED 04 SC
13.5
10
4
13
11
11.5
8
9
28.5
5.5
25
14
8
8
99
99
Distance [mm]1)
Dimensions
Ordering no.
PD40
PD60
[mm]
500
1200
AFET 05 SC
1500
4000
AFET 06 SC
--
AFET 07 SC
Ordering Key
Optic Fibre
Fibre material
P
Plastic, PMMA
Fibre type
D
Diffuse
T
Through-beam
Sensor head 01-99
Forthrunning type number
Sheath material
S
Standard plastic, Polyethylene
Fibre diameter
C
1.0 mm
AFET 01 SC
1) Distance at 2 m fibre length


Similar Part No. - AFET04SC

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
AFE-AFP-A CONQUER-AFE-AFP-A Datasheet
234Kb / 1P
Fast-Acting Fuse
logo
Texas Instruments
AFE0064 TI-AFE0064 Datasheet
545Kb / 25P
64 Channel Analog Front End for Digital X-Ray Detector
AFE0064 TI1-AFE0064 Datasheet
1Mb / 32P
64 Channel Analog Front End for Digital X-Ray Detector
AFE0064 TI2-AFE0064 Datasheet
728Kb / 32P
64 Channel Analog Front End for Digital X-Ray Detector
SEPTEMBER 2009
AFE0064IPBK TI-AFE0064IPBK Datasheet
545Kb / 25P
64 Channel Analog Front End for Digital X-Ray Detector
More results

Similar Description - AFET04SC

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1100 DALLAS-DS1100 Datasheet
154Kb / 6P
5-Tap Economy Timing Element Delay Line
DS1100L DALLAS-DS1100L Datasheet
156Kb / 6P
3.3V 5-Tap Economy Timing Element Delay Line
logo
List of Unclassifed Man...
FGT01SCM060 ETC2-FGT01SCM060 Datasheet
46Kb / 2P
Photoelectrics Fibre Optics, Glass
ED5502NPAP ETC2-ED5502NPAP Datasheet
306Kb / 3P
Photoelectrics Diffuse-reflective
EF1801NPAS ETC2-EF1801NPAS Datasheet
139Kb / 3P
Photoelectrics Fiber Optic Sensor
EO1804NPAS ETC2-EO1804NPAS Datasheet
99Kb / 2P
Photoelectrics Diffuse-reflective
ER1830NPAS ETC2-ER1830NPAS Datasheet
91Kb / 2P
Photoelectrics Retro-reflective
logo
Maxim Integrated Produc...
DS1100L_1110 MAXIM-DS1100L_1110 Datasheet
138Kb / 7P
3.3V 5-Tap Economy Timing Element (Delay Line)
Rev 10/11
logo
List of Unclassifed Man...
FN402-6.5-02 ETC2-FN402-6.5-02 Datasheet
1Mb / 6P
ECOsine??Compact economy line of passive harmonic filters
logo
Pulse A Technitrol Comp...
TM531DSA1 PULSE-TM531DSA1 Datasheet
833Kb / 12P
Fibre Channel transceiver line interface module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com