Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8002C Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8002C
Description  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002C Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8002C Datasheet HTML 17Page - NXP Semiconductors TDA8002C Datasheet HTML 18Page - NXP Semiconductors TDA8002C Datasheet HTML 19Page - NXP Semiconductors TDA8002C Datasheet HTML 20Page - NXP Semiconductors TDA8002C Datasheet HTML 21Page - NXP Semiconductors TDA8002C Datasheet HTML 22Page - NXP Semiconductors TDA8002C Datasheet HTML 23Page - NXP Semiconductors TDA8002C Datasheet HTML 24Page - NXP Semiconductors TDA8002C Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
1999 Oct 12
21
Philips Semiconductors
Product specification
IC card interface
TDA8002C
Notes
1. It may be necessary to connect capacitors from XTAL1 and XTAL2 to ground depending on the choice of crystal or
resonator.
2. When the oscillator is stopped in mode 1, XTAL1 is set to HIGH.
3. The transition time and duty cycle definitions are shown in Fig.15;
4. CLKOUT transition time and duty cycle do not need to be tested.
5. PRES and CMDVCC are active LOW; RSTIN, PRES and CS are active HIGH.
δ
t
1
t
1
t
2
+
---------------
=
Fig.15 Definition of transition times.
handbook, full pagewidth
MGE741
10%
90%
90%
10%
tr
tf
t1
t2
VOH
1/2 VCC
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com