Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NQS Datasheet(PDF) 2 Page - Bi technologies

Part # NQS
Description  .025??Pitch DIP Precision Thin Film Surface Mount Resistor Networks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

NQS Datasheet(HTML) 2 Page - Bi technologies

  NQS Datasheet HTML 1Page - Bi technologies NQS Datasheet HTML 2Page - Bi technologies NQS Datasheet HTML 3Page - Bi technologies NQS Datasheet HTML 4Page - Bi technologies NQS Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4-54
Model NQS Series
MECHANICAL
Lead Plating
85/15 Tin Lead
Lead Material
Copper Alloy
Lead Configuration
Gull Wing
Lead Coplanarity
0.004” (0.102mm)
Substrate Material
Alumina
Resistor Material
Nichrome
Body Material
Molded Epoxy
TOLERANCES
Accuracy Code
B
D
F
G
J
Absolute Resistance Tolerances, at 25°C
0.1%
0.5%
1.0%
2%
5%
Ratio Matching (Matched to R1)
0.1%
0.1%
0.5%
1%
1%
Temperature Coefficient of Resistance
±25ppm/°C (Q)
±50ppm/°C (P)
±100ppm/°C
Temperature Coefficient of Resistance, Tracking
±5ppm/°C
STANDARD RESISTANCE VALUES, OHMS
NQS16A
NQS20A
NQS20B
NQS24A
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
1K
1001
3K
3001
10K
1002
3K
3001
10K
1002
267K
2673
34K
3402
47K
4702
100K
1003
POWER DISSIPATION, WATTS AT 70°C
Model
Package
Resistor
NQS16
0.8
0.1
NQS20
1.0
0.1
NQS24
1.0
0.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com