Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6500 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # FS6500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 9Page - NXP Semiconductors FS6500 Datasheet HTML 10Page - NXP Semiconductors FS6500 Datasheet HTML 11Page - NXP Semiconductors FS6500 Datasheet HTML 12Page - NXP Semiconductors FS6500 Datasheet HTML 13Page - NXP Semiconductors FS6500 Datasheet HTML 14Page - NXP Semiconductors FS6500 Datasheet HTML 15Page - NXP Semiconductors FS6500 Datasheet HTML 16Page - NXP Semiconductors FS6500 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
All voltages are with respect to ground, unless otherwise specified. Exceeding these ratings may cause a malfunction or permanent damage
to the device.
Symbol
Ratings
Value
Unit
Notes
VESD-GUN9
330 Ω/150 pF unpowered according to IEC 61000-4-2:(16)
±12.0
kV
VESD-GUN10
330 Ω/150 pF unpowered according to OEM LIN, CAN, FlexRay conformance
±12.0
kV
VESD-GUN11
2.0 kΩ/150 pF unpowered according to ISO 10605(15)
±12.0
kV
VESD-GUN12
2.0 kΩ/330 pF powered according to ISO 10605(15)
±12.0
kV
Thermal ratings
TA
Ambient temperature
–40 to 125
°C
TJ
Junction temperature
–40 to 150
°C
TSTG
Storage temperature
–55 to 150
°C
Thermal resistance
RθJA
Thermal resistance junction to ambient
30
°C/W
[3]
RθJCTOP
Thermal resistance junction to case top
23.8
°C/W
[4]
RθJCBOTTOM
Thermal resistance junction to case bottom
0.9
°C/W
[5]
Table 4. Maximum ratings ...continued
[1]
All VSUPS (VSUP1/2/3) must be connected to the same supply (Figure 73).
[2]
Compared to AGND.
[3]
Per JEDEC JESD51-6(17) with the board (JESD51-7)(18) horizontal.
[4]
Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC - 883 Method 1012.1)(21).
[5]
Thermal resistance between the die and the solder pad on the bottom of the packaged based on simulation without any interface resistance.
9 Static electrical characteristics
TA = –40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UV_L to 36 V, unless otherwise specified. All voltages referenced to ground.
When 28 V < VSUP < 36 V, thermal dissipation must be considered (see Figure 32).
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
Power supply
ISUP123
Power supply current in normal mode
—
—
15.0
mA
ISUP3
Power supply current for VSUP3 in normal mode
—
3.5
5.0
mA
ISUP_LPOFF1
Power supply current in LPOFF (VSUP = 14 V at TA = 25 °C)
—
32
—
µA
ISUP_LPOFF2
Power supply current in LPOFF (VSUP = 18 V at TA = 80 °C)
—
42
60
µA
[1]
VSNS_UV
Power supply undervoltage warning
7.0
8.0
9.0
V
VSNS_UV_HYST
Power supply undervoltage warning hysteresis
0.1
—
0.5
V
VSUP_IPFF
IPFF input voltage detection
21
—
27
V
VSUP_IPFF_HYST
IPFF input voltage hysteresis
0.2
—
—
V
VSUP_UV_7
Power supply undervoltage lockout (power up)
7.0
—
8.0
V
VSUP_UV_5
Power supply undervoltage lockout (power up)
—
—
5.6
V
VSUP_UV_L
Power supply undervoltage lockout (falling — boost
configuration)
—
—
2.7
V
VSUP_UV_L_B
Power supply undervoltage lockout (falling — buck
configuration)
—
—
4.5
V
[2]
VSUP_UV_LPOFF
Power supply undervoltage lockout in LPOFF
—
—
4.5
V
[3]
VSUP_UV_HYST
Power supply undervoltage lockout hysteresis
—
0.1
—
V
[4]
Table 5. Static electrical characteristics
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
13 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com