Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMP10N65IP Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RMP10N65IP
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RMP10N65IP Datasheet(HTML) 2 Page - Rectron Semiconductor

  RMP10N65IP Datasheet HTML 1Page - Rectron Semiconductor RMP10N65IP Datasheet HTML 2Page - Rectron Semiconductor RMP10N65IP Datasheet HTML 3Page - Rectron Semiconductor RMP10N65IP Datasheet HTML 4Page - Rectron Semiconductor RMP10N65IP Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
650
V
Drain Current
ID(Tc=25
)
9.5
A
Drain Current
ID(Tc=100
)
5.7
A
Drain Current - Pulsed
IDM
38
A
Gate-Source Voltage
VGSS
±20
V
Single Pulsed Avalanche Energy
EAS
700
mJ
Repetitive Avalanche Energy
EAR
15.6
mJ
Avalanche Current
IAR
9.5
A
Thermal Resistance, Junction to Case
R JC
2.5
/W
Thermal Resistance, Junction to Ambient
R JA
62.5
/W
Power Dissipation
PD(Tc=25
)
50
W
Operating and Storage Temperature Range
TJ,TSTG
-55 to 150
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
BVDSS
VGS=0V
ID=250A
650
V
Zero Gate Voltage Drain Current
IDSS
VDS=650V
V GS =0V
1
A
VDS=480V
TC=125
100
A
Gate-Body Leakage Current
Forward
IGSS
VGS=±20V
VDS=0V
±100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS
ID=250A
2.0
4.0
V
Static Drain-Source
On-Resistance
RDS(on)
VGS=10V
ID=4.75A
0.6
0.73
Forward Transconductance
gFS
VDS=40V
ID=4.75A
8.0
S
Drain-Source Diode Forward
Voltage
VSD
VGS=0V
IS=9.5A
1.4
V
Total Gate Charge
Qg
ID=10A
VDS=480V
VGS=10V
45
nC
Gate-to-Source Charge
Qgs
7.5
nC
Gate-to-Drain Charge
Qgd
18.5
nC
Input Capacitance
Ciss
VDS=25V
VGS=0V
f=1.0MHz
1570
2040
pF
Output Capacitance
Coss
166
215
pF
Reverse Transfer Capacitance
Crss
18
24
pF
Turn-On Delay Time
td(on)
VDD=300V
ID=9.5A
RG=25
23
55
ns
Turn-On Rise Time
tr
69
150
ns
Turn-Off Delay Time
td(off)
144
300
ns
Turn-Off Fall Time
tf
77
165
ns
ABSOLUTE MAXIMUM RATINGS(T =
C
25°C, unless otherwise specified)
ELECTRICAL CHARACTERISTICS (TC =25°C, unless otherwise specified)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com