Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDM35LSESYR1HTX Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # UDM35LSESYR1HTX
Description  Digital Panel Meters Modular Indicator and Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UDM35LSESYR1HTX Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  UDM35LSESYR1HTX Datasheet HTML 1Page - List of Unclassifed Manufacturers UDM35LSESYR1HTX Datasheet HTML 2Page - List of Unclassifed Manufacturers UDM35LSESYR1HTX Datasheet HTML 3Page - List of Unclassifed Manufacturers UDM35LSESYR1HTX Datasheet HTML 4Page - List of Unclassifed Manufacturers UDM35LSESYR1HTX Datasheet HTML 5Page - List of Unclassifed Manufacturers UDM35LSESYR1HTX Datasheet HTML 6Page - List of Unclassifed Manufacturers UDM35LSESYR1HTX Datasheet HTML 7Page - List of Unclassifed Manufacturers UDM35LSESYR1HTX Datasheet HTML 8Page - List of Unclassifed Manufacturers UDM35LSESYR1HTX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Specifications are subject to change without notice
UDM35DS 040706
UDM35
Module
Inputs
Type
Accuracy
Temp. drift
Min. indicat. ( )
Max. indicat. ( )
BQ LSX/
BQ LSE/
BQ LSF
-200µA to +200µA
-2mA to +2mA
-20mA to +20mA
-200mV to +200mV
-2V to +2V
-20V to +20V
DC/AC
DC: ±(0.1%RDG+3DGT)
0% to 25% FS;
±(0.1%RDG+2DGT)
25% to 110% FS.
TRMS (45 to 65Hz)*:
±(0.3%RDG+3DGT)
0% to 25% FS;
±(0.3%RDG+2DGT)
25% to 110% FS.
±150 ppm/°C
- 199.9
- 1.999
- 19.99
- 199.9
- 1.999
- 19.99
+ 199.9
+ 1.999
+ 19.99
+ 199.9
+ 1.999
+ 19.99
BQ HSX
-200mA to +200mA
-2A to +2A
-5A to +5A
-20V to +20V
-200V to +200V
-500V to +500V
DC/AC
DC: ±(0.1%RDG+3DGT)
0% to 25% FS;
±(0.1%RDG+2DGT)
25% to 110% FS.
TRMS (45 to 65Hz)*:
±(0.3%RDG+3DGT)
0% to 25% FS;
±(0.3%RDG+2DGT)
25% to 110% FS.
±150 ppm/°C
- 199.9
- 1.999
- 5.00
- 19.99
- 199.9
- 500
+ 199.9
+ 1.999
+ 5.00
+ 19.99
+ 199.9
+ 500
BQ TRX
thermo-
couple
-50°C to +760°C
-58 °F to +1400 °F
-200°C to +1260°C
-328 °F to +2000°F
-200°C to +1000°C
-328°F to +1832°F
-50°C to +1750°C
-58°F to +2000°F
-200°C to +400°C
-328°F to +752°F
J
J
K
K
E
E
S
S
T
T
±(0.2%RDG+1DGT)
±(0.2%RDG+2DGT)
±(0.2%RDG+2DGT)
±(0.2%RDG+4DGT)
±(0.2%RDG+2DGT)
±(0.2%RDG+4DGT)
±(0.2%RDG+2DGT)
±(0.2%RDG+4DGT)
±(0.2%RDG+2DGT)
±(0.2%RDG+4DGT)
±150 ppm/°C
- 50°C
- 58°F
- 200°C
- 328°F
- 200°C
- 328°F
- 50°C
- 58°F
- 200°C
- 328°F
+ 760°C
+ 1400°F
+ 1260°C
+ 1999°F
+ 1000°C
+ 1832°F
+ 1750°C
+ 1999°F
+ 400°C
+ 752°F
Measurement accuracy, temperature drifts, max and min indications
All accuracies and min/max indications are referred to an ambient temperature range of 25°C ±5°C, relevant humidity
≤60% and scale ratio
(electrical/displayed scale) equal to 1. The conversion into °F is obtained acting on the electrical/displayed scale ratio.
Additional errors
Humidity
0.3% RDG, 60% to 90% R.H.
Input frequency
0.4% RDG, 62 to 440 Hz
Magnetic field
0.5% RDG @ 400 A/m
Temperature drift
See table “Measurement
accuracy, temperature drifts,
and max/min indications”
Sampling rate
500 samples/s @ 50 Hz
Display refresh time
200 msec @ 50Hz
Display
3 1/2 DGT,
7 segments
height 14.2 mm
Colour: red
Max and min indication
See table “Measurement
accuracy, temperature drifts
and max min indications”
Measurements
Current, voltage, tempera-
ture and resistance. For the
current and voltage mea-
surements: TRMS measure-
ment of distorted sine
waves.
Coupling type
Direct
Crest factor
≤
3; APmax=1.7In; VPmax=1.7Un
Input impedance
See table “input
impedances and overloads”
Frequency
40 to 440 Hz
Overload
See table “input
impedances and overloads”
Compensation
Only temperature
measurement module.
RTD
- For Pt 100-250-500-1000,
3-wire connection: up to 10
Ω
- For resistance measur. with
20
Ω range: up to max 0.1Ω
- For resistance measurements
with
≥200Ωrange:uptomax10Ω
TC
Internal cold junction, within
the temperature range
from 0 to +50°C.
Automatic compensation
or manual from 0 to 50°C.
Input specifications (cont.)
*
<45Hz >65Hz= ±(0.5%RDG+3DGT) 0% to 25% FS; ±(0.5%RDG+2DGT) 25% to 110% FS.
( ) The min. indication for TRMS measurement (AC or DC) is 0; it is possible to modify the decimal point position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com