Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP100J Datasheet(PDF) 2 Page - Bi technologies

Part # SMP100J
Description  SURFACE MOUNT MOULDED POWER RESISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

SMP100J Datasheet(HTML) 2 Page - Bi technologies

  SMP100J Datasheet HTML 1Page - Bi technologies SMP100J Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10
Ω : 100
50
Ω : 500 First two digits significant, last digit: number of trailing zeros
Mounting Guidelines
Introduction
The power resistor has extremely low thermal resistances in each axis for maximum conducted, radiated and
convection heat dissipation. Using the JEDEC standard JD-51 as a guideline, coupled with your thermal design
experience in power semiconductors, you can maximise the potential of this unique SOIC style power resistor.
5W PCB Example
A small 40mm x 40mm, 5W, 4-layer test board configuration is illustrated to demonstrate the superior high
performance of the SMP power resistor using minimum real estate.
10W PCB Example
Mounting details available on request.
Ordering Information
SMP
100
J
Model
Tolerance
1%: F
5%: J
Resistance Code
+155
°C
-50
0
50
100
150
200
Ambient Temperature (
°C)
100
80
60
40
20
0
+25
°C
% Power (see Note 1)
Derating Curve
Surface Mount Moulded Power Resistor
2
SMP Test board (rear)
Rear landing area
Thermal vias
SMP Test board (front)
5.65 mm
Solder Pad Layout
1.70 mm
6.14 mm
3.41 mm
4.70mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com