Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP100F Datasheet(PDF) 1 Page - Bi technologies

Part # SMP100F
Description  SURFACE MOUNT MOULDED POWER RESISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

SMP100F Datasheet(HTML) 1 Page - Bi technologies

  SMP100F Datasheet HTML 1Page - Bi technologies SMP100F Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT MOULDED POWER RESISTOR
Features…………………………………………………………
.
Non-Inductive, Moulded Small, in circuit 10W.
Very low thermal resistance in multiple planes
SOIC type Package.
RoHS compliant.
Applications………………………………………………
………
High frequency emitter resistors in switching power supplies.
High precision CRT color video amplifiers.
High frequency snubber and pulse handling circuits.
Pulse generator load resistors
.
In-rush current protection
Bleeder Resistors
Specification
Specifications subject to change without notice.
Items
Specification
Test Conditions
Power Rating
10 Watts
25
°C ambient. Note 1
Short time overload
50W for 5s
25
°C ambient. Note 1
Resistance Range (
Ω)
10 to 10K
Nominal Resistance Series
E12
TCR(ppm/
°C), see note 2.
100ppm/
°C 10Ω and above
-55
°C to +155 °C
Tolerance
+/-1% & +/-5%
Operating Temp. Range
-55
°C to+155°C
Max. Operating Voltage
500VDC or √(P.R)
Dielectric Withstanding Voltage.
4000 V DC
60 seconds.
Load Life
∆R +/- (1 % + 0.05 Ω)
25
°C, 90 min.ON, 30min.OFF, 1000hours.
Humidity
∆R +/- (1 % + 0.05 Ω)
40
°C, 90-95%RH, DC 0.1W, 1000 hours.
Temp. Cycle
∆R +/- (0.25% + 0.05 Ω)
-55
°C,30 min.,+155°C,30 min., 5cycles
Soldering Heat (Max)
∆R +/- (0.25 %+0.05 Ω)
250+/-5
°C, 3seconds,
Solderability
Min. 95% coverage
230+/-5
°C, 3seconds.
Insulation Resistance
Over 1,000 Meg
Ω
Between terminals and tab.
Vibration
∆R +/- (0.25% + 0.05 Ω)
Notes:
1.
Tested in accordance with JD51 mounting instructions, in 5W application 10W available.
2.
Contact factory for values below 10
Ω..
3.
Contact factory for custom products, non-standard values and tolerances
1
Rear view
Solderable
area
Outline Dimensions
Dimensions:
mm
inches
3.50
.138
9.00
.354
5.59+/-0.13
.220+/-.005
9.30+/-0.1
.366+/-.005
11.3 max
.445
0.20 Typ
.008
8.4 max
.330
0.20 Typ
.008
0.96 Typ
.038


Similar Part No. - SMP100F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP100-120 STMICROELECTRONICS-SMP100-120 Datasheet
80Kb / 9P
COMMUNICATION EQUIPMENT PROTECTION: TRISIL TM
SMP100-140 STMICROELECTRONICS-SMP100-140 Datasheet
80Kb / 9P
COMMUNICATION EQUIPMENT PROTECTION: TRISIL TM
SMP100-140H125 STMICROELECTRONICS-SMP100-140H125 Datasheet
80Kb / 9P
COMMUNICATION EQUIPMENT PROTECTION: TRISIL TM
SMP100-140H225 STMICROELECTRONICS-SMP100-140H225 Datasheet
80Kb / 9P
COMMUNICATION EQUIPMENT PROTECTION: TRISIL TM
SMP100-200 STMICROELECTRONICS-SMP100-200 Datasheet
80Kb / 9P
COMMUNICATION EQUIPMENT PROTECTION: TRISIL TM
More results

Similar Description - SMP100F

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WSM WELWYN-WSM Datasheet
75Kb / 2P
Moulded Surface Mount Wirewound Resistors
logo
IRC - a TT electronics ...
CR0805F1000FT IRCTT-CR0805F1000FT Datasheet
307Kb / 3P
Surface Mount Resistor
logo
CAMBION Electronic Comp...
555-5120 CAMBION-555-5120 Datasheet
27Kb / 2P
RFID transponder coil, moulded, surface mount
logo
Tyco Electronics
1773242 MACOM-1773242 Datasheet
126Kb / 3P
SMD Moulded Power Resistor
logo
TT Electronics.
HM61 TTELEC-HM61 Datasheet
434Kb / 2P
Injection Moulded Surface Mount Inductors
logo
Stackpole Electronics, ...
HPC SEI-HPC Datasheet
106Kb / 4P
High Power Surface Mount Resistor
05/12/2016
logo
RFE international
RM02 RFE-RM02 Datasheet
1Mb / 5P
Surface Mount Resistor
DEC-01-2023
RMHV RFE-RMHV Datasheet
1Mb / 5P
SURFACE MOUNT RESISTOR
2022.01.19
RMQ RFE-RMQ Datasheet
270Kb / 4P
SURFACE MOUNT RESISTOR
2015.04.15
RMV RFE-RMV Datasheet
705Kb / 4P
SURFACE MOUNT RESISTOR
2017.12.21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com