Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPT-DIN Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CPT-DIN
Description  Energy Management Compact Power Transducer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPT-DIN Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CPT-DIN Datasheet HTML 3Page - List of Unclassifed Manufacturers CPT-DIN Datasheet HTML 4Page - List of Unclassifed Manufacturers CPT-DIN Datasheet HTML 5Page - List of Unclassifed Manufacturers CPT-DIN Datasheet HTML 6Page - List of Unclassifed Manufacturers CPT-DIN Datasheet HTML 7Page - List of Unclassifed Manufacturers CPT-DIN Datasheet HTML 8Page - List of Unclassifed Manufacturers CPT-DIN Datasheet HTML 9Page - List of Unclassifed Manufacturers CPT-DIN Datasheet HTML 10Page - List of Unclassifed Manufacturers CPT-DIN Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Specifications are subject to change without notice
CPT-DINADS110706
7
CPT-DIN
Function Description
Figure A
The sign of measured quant-
ity and output quantity re-
mains the same. The output
quantity is proportional to the
measured quantity.
Input and output scaling capability. Working of the analogue outputs (y) versus input variables (x)
Figure B
The sign of measured quant-
ity and output quantity re-
mains the same. On the
range X0...X1, the output
quantity is zero. The range
X1...X2 is delineated on the
entire output range Y0 =
Y1...Y2 and thus presented in
strongly expanded form.
Figure D
The sign of the measured
quantity changes but that of
the output quantity remains
the same. The output quant-
ity steadily increases from
value X1 to value X2 of the
measured quantity.
Figure C
The sign of measured quant-
ity and output quantity re-
mains the same. With the
measured quantity being
zero, the output quantity
already has the value
Y1 = 0.2 Y2.
Live zero output.
0
50 A
100 A
0
10 mA
20 mA
-100 kW
0
100 kW
0
10 mA
20 mA
Insulation between inputs and outputs
0
50 A
100 A
4
12 mA
20 mA
80 V
100 V
120 V
0
5 mA
10 mA
Measuring
Input
Relay
Output
Open collec-
tor output
Reed
relay
Dupline
output
Analogue
Output
RS232/
RS485
RS232
(RJ12)
90-260VAC/DC
Power supply
18-60VCA/CC
Power supply
Measuring
input
-
4kV
2,5kV
@
I
≥ 3mA
2,5kV
2,5kV
2,5kV
@
I
≥ 3mA
2,5kV
@
I
≥ 3mA
2,5kV
@
I
≥ 3mA
4kV
4kV
Relay
output
4kV
-
-
-
-
-
-
4kV
4kV
4kV
Open collec-
tor output
2,5kV
@
I
≥ 3mA
-
-
-
-
-
-
4kV
4kV
4kV
Reed
relay
2,5kV
-
-
-
-
-
100VRMS
4kV
4kV
4kV
Dupline
output
2,5kV
-
-
-
-
-
-
2,5kV
2,5kV
2,5kV
Analogue
output
2,5kV
@
I
≥ 3mA
-
-
-
-
-
-
4kV
4kV
4kV
RS232/
RS485
2,5kV
@
I
≥ 3mA
-
-
100VRMS
-
-
-
4kV
4kV
4kV
RS232
(RJ12)
2,5kV
@
I
≥ 3mA
4kV
4kV
4kV
2,5kV
4kV
4kV
-
4kV
4kV
90-260
VACDC
4kV
4kV
4kV
4kV
2,5kV
4kV
4kV
4kV
-
-
18-60
VAC/DC
4kV
4kV
4kV
4kV
2,5kV
4kV
4kV
4kV
-
-
NOTE: in case of fault of first insulation the current from the measuring input to the ground is lower than 2mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com