Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N7002
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N7002 Datasheet(HTML) 4 Page - ON Semiconductor

  2N7002 Datasheet HTML 1Page - ON Semiconductor 2N7002 Datasheet HTML 2Page - ON Semiconductor 2N7002 Datasheet HTML 3Page - ON Semiconductor 2N7002 Datasheet HTML 4Page - ON Semiconductor 2N7002 Datasheet HTML 5Page - ON Semiconductor 2N7002 Datasheet HTML 6Page - ON Semiconductor 2N7002 Datasheet HTML 7Page - ON Semiconductor 2N7002 Datasheet HTML 8Page - ON Semiconductor 2N7002 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2N7000, 2N7002, NDS7002A
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued)
Values are at TC = 25°C unless otherwise noted.
Symbol
Unit
Max
Typ
Min
Type
Conditions
Parameter
ON CHARACTERISTICS
RDS(on)
Static Drain−Source
On−Resistance
VGS = 10 V, ID = 500 mA
2N7000
−
1.2
5
W
VGS = 10 V, ID = 500 mA,
TC = 125°C
−
1.9
9
VGS = 4.5 V, ID = 75 mA
−
1.8
5.3
VGS = 10 V, ID = 500 mA
2N7002
−
1.2
7.5
VGS = 10 V, ID = 500 mA,
TC = 100°C
−
1.7
13.5
VGS = 5 V, ID = 50 mA
−
1.7
7.5
VGS = 5 V, ID = 50 mA,
TC = 100°C
−
2.4
13.5
VGS = 10 V, ID = 500 mA
NDS7002A
−
1.2
2
VGS = 10 V, ID = 500 mA,
TC = 125°C
−
2
3.5
VGS = 5 V, ID = 50 mA
−
1.7
3
VGS = 5 V, ID = 50 mA,
TC = 125°C
−
2.8
5
VDS(on)
Drain−Source On−Voltage
VGS = 10 V, ID = 500 mA
2N7000
−
0.6
2.5
V
VGS = 4.5 V, ID = 75 mA
−
0.14
0.4
VGS = 10 V, ID = 500 mA
2N7002
−
0.6
3.75
VGS = 5.0 V, ID = 50 mA
−
0.09
1.5
VGS = 10 V, ID = 500 mA
NDS7002A
−
0.6
1
VGS = 5.0 V, ID = 50 mA
−
0.09
0.15
gFS
Forward Transconductance
VDS = 10 V, ID = 200 mA
2N7000
100
320
−
mS
VDS ≥ 2 VDS(on), ID = 200 mA
2N7002
80
320
−
VDS ≥ 2 VDS(on), ID = 200 mA
NDS7002A
80
320
−
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
All
−
20
50
pF
Coss
Output Capacitance
All
−
11
25
Crss
Reverse Transfer
Capacitance
All
−
4
5
ton
Turn−On Time
VDD = 15 V, RL = 25 W,
ID = 500 mA, VGS = 10 V,
RGEN = 25 W
2N7000
−
−
10
ns
VDD = 30 V, RL = 150 W,
ID = 200 mA, VGS = 10 V,
RGEN = 25 W
2N7002
NDS7002A
−
−
20
toff
Turn−Off Time
VDD = 15 V, RL = 25 W,
ID = 500 mA, VGS = 10 V,
RGEN = 25 W
2N7000
−
−
10
ns
VDD = 30 V, RL = 150 W,
ID = 200 mA, VGS = 10 V,
RGEN = 25 W
2N7002
NDS7002A
−
−
20
DRAIN−SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
IS
Maximum Continuous Drain−Source Diode Forward Current
2N7002
−
−
115
mA
NDS7002A
−
−
280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com