Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDM40LSFSXR5HTX Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # UDM40LSFSXR5HTX
Description  Digital Panel Meters Modular Indicator and Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UDM40LSFSXR5HTX Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button UDM40LSFSXR5HTX Datasheet HTML 3Page - List of Unclassifed Manufacturers UDM40LSFSXR5HTX Datasheet HTML 4Page - List of Unclassifed Manufacturers UDM40LSFSXR5HTX Datasheet HTML 5Page - List of Unclassifed Manufacturers UDM40LSFSXR5HTX Datasheet HTML 6Page - List of Unclassifed Manufacturers UDM40LSFSXR5HTX Datasheet HTML 7Page - List of Unclassifed Manufacturers UDM40LSFSXR5HTX Datasheet HTML 8Page - List of Unclassifed Manufacturers UDM40LSFSXR5HTX Datasheet HTML 9Page - List of Unclassifed Manufacturers UDM40LSFSXR5HTX Datasheet HTML 10Page - List of Unclassifed Manufacturers UDM40LSFSXR5HTX Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Specifications are subject to change without notice
UDM40DS 040706
11
UDM40
BP L
Power supply:
18 to 60V AC/DC
BO R4
Dual relay output +
Dual open collector
BO R2
Dual relay output
BO AV
Single analogue
output 10V, 20mA DC
BQ LSX, BQ LSE, BQ
LSF, BQ HSX, BQ TRX
Measuring inputs
Input modules
Serial port modules
BR SX
RS485 Serial port
BP H
Power supply:
60 to 260V AC/DC
Modules
BO R1
Single relay output
Output modules
Scale 1:1
Power supply modules
Output modules
BO R5
4 relay outputs
BR SY
RS232 Serial port



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com