Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWT5-G2STR Datasheet(PDF) 1 Page - Bi technologies

Part # SWT5-G2STR
Description  Tactile Switches, 5.1 X 5.1 mm RoHS Compliant Low Profile Light Weight SMD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

SWT5-G2STR Datasheet(HTML) 1 Page - Bi technologies

  SWT5-G2STR Datasheet HTML 1Page - Bi technologies SWT5-G2STR Datasheet HTML 2Page - Bi technologies SWT5-G2STR Datasheet HTML 3Page - Bi technologies SWT5-G2STR Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model SWT5
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345 Website: www.bitechnologies.com
October 6, 2006
page 1 of
4
BI technologies
Tactile Switches, 5.1 X 5.1 mm
RoHS Compliant
Low Profile
Light Weight
SMD
MODELS AVAILABLE
MODELS AVAILABLE
MODELS AVAILABLE
MODELS AVAILABLE
Top Actuation – G Pin
SWT5-G
Top Actuation - J Pin
SWT5-J
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL
Contact Resistance
100 mΩ
Insulation Resistance
100 MΩ min
Dielectric Strength
AC 250V
Rating
DC 12V, 50 mA
Contact Arrangement
Single throw single pole
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
Life Mechanical
Stem height = 1.5 mm – 100K Cycles
Stem height = 0.8 mm – 50K Cycles
Operating Force Range (refer to operating force table)
100 g – 260 g
Operating Temperature Range
-20
oC – 70oC
Storage Temperature Range
-30
oC – 80oC
Stop Strength
Vertical Static Load of 3Kgf
Vibration
Mil-STD-202F, Method 201A
Shock
Mil-STD-202F, Method 213B Condition A
Soldering
Recommendations available upon request


Similar Part No. - SWT5-G2STR

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SWT5-G2STR TTELEC-SWT5-G2STR Datasheet
284Kb / 4P
Model SWT5 Tactile Switches, 5.1 X 5.1 mm RoHS Compliant
More results

Similar Description - SWT5-G2STR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
SWT3-G BITECH-SWT3-G Datasheet
356Kb / 5P
Tactile Switches, 6 X 3.5 mm RoHS Compliant SMD
SWT4 BITECH-SWT4 Datasheet
199Kb / 4P
Tactile Switches 4.6 X 4.6 mm Low Profile 0.5 mm RoHS Compliant
SWT6 BITECH-SWT6 Datasheet
199Kb / 5P
Tactile Switches 6X6 mm 1 Million Actuations RoHS Compliant
SWT7 BITECH-SWT7 Datasheet
358Kb / 5P
Tactile Switches, 6.2 X 6.3 mm Low Profile, SMD RoHS Compliant
logo
TT Electronics.
SWT3 TTELEC-SWT3 Datasheet
359Kb / 5P
Model SWT3 Tactile Switches, 6 X 3.5 mm RoHS Compliant SMD
SWT4 TTELEC-SWT4 Datasheet
136Kb / 5P
Tactile Switches 4.6 X 4.6 mm Low Profile 0.5 mm RoHS Compliant
SWT5 TTELEC-SWT5 Datasheet
284Kb / 4P
Model SWT5 Tactile Switches, 5.1 X 5.1 mm RoHS Compliant
SWT7 TTELEC-SWT7 Datasheet
362Kb / 5P
Model SWT7 Tactile Switches, 6.2 X 6.3 mm Low Profile, SMD RoHS Compliant
logo
Panasonic Semiconductor
EVPAWBD40 PANASONIC-EVPAWBD40 Datasheet
297Kb / 8P
Tactile Switches 3.0 mm x 2.0 mm SMD
logo
Transko Electronics, In...
TPRH10D50F TRANSKO-TPRH10D50F Datasheet
690Kb / 3P
Power Inductor SMD (10.1 X 10.0 X 5.1 mm)
Rev 1: 05-04-2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com