Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDM35LSESYR5HTX Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # UDM35LSESYR5HTX
Description  Digital Panel Meters Modular Indicator and Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UDM35LSESYR5HTX Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button UDM35LSESYR5HTX Datasheet HTML 3Page - List of Unclassifed Manufacturers UDM35LSESYR5HTX Datasheet HTML 4Page - List of Unclassifed Manufacturers UDM35LSESYR5HTX Datasheet HTML 5Page - List of Unclassifed Manufacturers UDM35LSESYR5HTX Datasheet HTML 6Page - List of Unclassifed Manufacturers UDM35LSESYR5HTX Datasheet HTML 7Page - List of Unclassifed Manufacturers UDM35LSESYR5HTX Datasheet HTML 8Page - List of Unclassifed Manufacturers UDM35LSESYR5HTX Datasheet HTML 9Page - List of Unclassifed Manufacturers UDM35LSESYR5HTX Datasheet HTML 10Page - List of Unclassifed Manufacturers UDM35LSESYR5HTX Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Specifications are subject to change without notice
UDM35DS 040706
UDM35
:
- to program values;
- to select functions;
- to scroll display pages.
: for special functions.
2. Display
Instantaneous measurements:
- 3 1/2 digit (max display 1999).
Alphanumeric indications by means of LED display for:
- Display of configuration parameters;
- The measured variable.
3. Alarm status LED
Display any alarm condition
4. Engineering unit
The instrument is supplied with a complete set of
self-sticking labels with the main engineering units.
Dimensions
Front panel description
1. Key-pad
The programming of the configuration parameters and the
display may be easily controlled by means of the 4 function
keys.
: to enter the programming phase and to confirm the
password.
Engineering Units
Panel depth: 8mm max.
105mm
11mm
48mm
96mm
92mm -0,3/+0,8
45mm -0,3/+0,6
2
1
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com