Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDM40LSESYR5HTX Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # UDM40LSESYR5HTX
Description  Digital Panel Meters Modular Indicator and Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UDM40LSESYR5HTX Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  UDM40LSESYR5HTX Datasheet HTML 1Page - List of Unclassifed Manufacturers UDM40LSESYR5HTX Datasheet HTML 2Page - List of Unclassifed Manufacturers UDM40LSESYR5HTX Datasheet HTML 3Page - List of Unclassifed Manufacturers UDM40LSESYR5HTX Datasheet HTML 4Page - List of Unclassifed Manufacturers UDM40LSESYR5HTX Datasheet HTML 5Page - List of Unclassifed Manufacturers UDM40LSESYR5HTX Datasheet HTML 6Page - List of Unclassifed Manufacturers UDM40LSESYR5HTX Datasheet HTML 7Page - List of Unclassifed Manufacturers UDM40LSESYR5HTX Datasheet HTML 8Page - List of Unclassifed Manufacturers UDM40LSESYR5HTX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Specifications are subject to change without notice
UDM40DS 040706
3
UDM40
Measurement accuracy, temp. drifts, min max indications (cont.)
All accuracies and min/max indications refer to an ambient temperature range of 25°C ±5°C, relevant humidity
≤60% and scale ratio (elec-
trical scale / displayed scale) equal to 1. The conversion into °F is obtained acting on the electrical/displayed scale ratio.
Module
Inputs
Type
Impedance
Overload (continuous)
Overloads (1s)
BQ LSX/
BQ LSE/
BQ LSF
-200µA to +200µA
-2mA to +2mA
-20mA to +20mA
-200mV to +200mV
-2V to +2V
-20V to +20V
DC/AC
DC/AC
DC/AC
DC/AC
DC/AC
DC/AC
≤2,2kΩ
≤22Ω
≤22Ω
≥2,2kΩ
≥200kΩ
≥200kΩ
5mA
50mA
50mA
10V
50V
50V
10mA
150mA
150mA
20V
100V
100V
BQ HSX
-200mA to +200mA
-2A to +2A
-5A to +5A
-20V to +20V
-200V to +200V
-500V to +500V
DC/AC
DC/AC
DC/AC
DC/AC
DC/AC
DC/AC
≤1Ω
≤0.012Ω
≤0.012Ω
≥2MΩ
≥2MΩ
≥2MΩ
0.8A
7.5A
7.5A
750V
750V
750V
1A
100A
100A
1000V
1000V
1000V
BQ TRX
Thermo-
couple
-50°C to +760°C
-58 °F to +1400 °F
-200°C to +1260°C
-328 °F to +2300°F
-200°C to +1000°C
-328°F to +1832°F
-50°C to +1750°C
-58°F to +3182°F
-200°C to +400°C
-328°F to +752°F
J
J
K
K
E
E
S
S
T
T
ILK <0.5µA
Max 5V
Max 10V
BQ TRX
Thermo-
resistance
-200°C to +850°C
-328°F to +1562°F
-200.0°C to +200,0°C
-328°F to +392°F
-200.0°C to +200,0°C
-328°F to +392°F
-60°C to +180°C
-76°F to +356°F
Pt100
Pt100
Pt250/Pt100
Pt250/Pt100
Pt1000/Pt500
Pt1000/Pt500
Ni100
Ni100
800µA (*)
800µA (*)
90µA (*)
90µA (*)
800µA (*)
800µA (*)
800µA (*)
800µA (*)
Max 5V
Max 10V
BQ TRX
Resistance
0 to 20
Ω
0 to 200
Ω
0 to 2000
Ω
0 to 20.00k
Ω
Ω
800µA (*)
90µA (*)
800µA (*)
90µA (*)
Max 5V
Max 10V
Input impedances and overloads
Module
Inputs
Type
Accuracy
Temp. Drift
Min. Indication
Max. Indication
BQ TRX
Ther-
moresis-
tance
-200°C to +850°C
-328°F to +1562°F
-200.0°C to +200.0°C
-328°F to+392°F
-200.0°C to +200.0°C
-328°F to +392°F
-200.0°C to +200.0°C
-328°F to +392°F
-200.0°C to +200.0°C
-328°F to +392°F
-60°C to +180°C
-76°F to +356°F
Pt100
Pt100
Pt100
Pt100
Pt250
Pt250
Pt500
Pt500
Pt1000
Pt1000
Ni100
Ni100
±(0.2%RDG +2DGT)
±(0.2%RDG +4DGT)
±(0.5%RDG +5DGT)
±(0.5%RDG +5DGT)
±(0.5%RDG +5DGT)
±(0.5%RDG +5DGT)
±(0.5%RDG +5DGT)
±(0.5%RDG +5DGT)
±(0.5%RDG +5DGT)
±(0.5%RDG +5DGT)
±(0.5%RDG +1DGT)
±(0.5%RDG +2DGT)
±150 ppm/°C
- 200
- 328
- 200.0
- 328.0
- 200.0
- 328.0
- 200.0
- 328.0
- 200.0
- 328.0
- 60
- 76
+ 850
+ 1562
+ 200.0
+ 392.0
+ 200.0
+ 392.0
+ 200.0
+ 392.0
+ 200.0
+ 392.0
+ 180
+ 356
BQ TRX
Resis-
tance
0 to 20
Ω
0 to 200
Ω
0 to 2000
Ω
0 to 20.00k
Ω
Ω
±(0.2%RDG+2DGT)
25% to 110% FS
±(0.2%RDG+3DGT)
0% to 25% FS
±150 ppm/°C
0
0
0
0
20.00 ( )
200.0 ( )
2000 ( )
20.00 ( )
(*) Maximum measuring current generated for resistance equal to 0
( ) It is possible to modify the decimal point position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com