Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDM40LSFSYR5HTX Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # UDM40LSFSYR5HTX
Description  Digital Panel Meters Modular Indicator and Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UDM40LSFSYR5HTX Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button UDM40LSFSYR5HTX Datasheet HTML 3Page - List of Unclassifed Manufacturers UDM40LSFSYR5HTX Datasheet HTML 4Page - List of Unclassifed Manufacturers UDM40LSFSYR5HTX Datasheet HTML 5Page - List of Unclassifed Manufacturers UDM40LSFSYR5HTX Datasheet HTML 6Page - List of Unclassifed Manufacturers UDM40LSFSYR5HTX Datasheet HTML 7Page - List of Unclassifed Manufacturers UDM40LSFSYR5HTX Datasheet HTML 8Page - List of Unclassifed Manufacturers UDM40LSFSYR5HTX Datasheet HTML 9Page - List of Unclassifed Manufacturers UDM40LSFSYR5HTX Datasheet HTML 10Page - List of Unclassifed Manufacturers UDM40LSFSYR5HTX Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Wiring diagrams of optional modules
BO R1: 1 relay output
BO R2: 2 relay outputs
BO AV: analogue output
(10V, 20mA DC)
BP H: power supply
BP L: power supply
F1= 630mA T
250V 5x20mm
F1= 3.15A T
250V 5x20mm
8
Specifications are subject to change without notice UDM40DS 040706
UDM40
Temp. measur. from thermoresistance
Temp. measur. from thermocouple
Resistance measurements
Fig. 10
Fig. 11
Fig. 12
Wiring diagrams for temperature measurements
BQ TRX
BQ TRX
BQ TRX
Wiring diagrams (cont.)
Wiring diagrams for power supply
BO R5: 4 relay outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com