Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD41 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HFD41
Description  SUBMINIATURE SIGNAL RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HFD41 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HFD41 Datasheet HTML 1Page - List of Unclassifed Manufacturers HFD41 Datasheet HTML 2Page - List of Unclassifed Manufacturers HFD41 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Q_fZb i\j`jkXeZ\
F`c\ Mf2>E5;4:97
D`\c\Zki`Z
jki\e^k_
B> 894dUxM> 7:4dU? H>644dU
Cf`c gfn\i
HM
B
HNMGFA PEKAW
O`Zb1lg
TfckX^\
TDC
Difg1flk
TfckX^\
TDC
LXo2
AccfnXYc\
TfckX^\
TDC
H> 5A 564TAC374TDC
M0B> 5A 684TAC374TDC
6A 564TAC
F`c\ Mf2>84444599
4GDQROGP
UXj_ k`^_k0
Fclo giff]\[
{ Eem`ifed\ekXc ]i`\e[cp gif[lZk .PfHQ Zfdgc`Xek/
{ Nlkc`e\ D`d\ej`fej> .592; o 5524 o 5624/ dd
IQN=445yIQN3RQ5:=8= yIQN58445 yNHQAQ5<445 CEPRIFIED
644; P\m2 6244
:MQGP. Necp jfd\ kpg`ZXc iXk`e^j Xi\ c`jk\[ XYfm\2 I] dfi\ [\kX`cj Xi\
i\hl`i\[0 gc\Xj\ ZfekXZk lj2
6A 569TAC
5A 684TAC
5A 74TDC
5A 74TDC
5A 694TAC CNQt @5
6A 569TAC CNQt @5
A23
.HFD85A/
642-,+-,/ .HL8544F38545F/
1;:?/1? 2/?/
IejlcXk`fe i\j`jkXeZ\
B\kn\\e Zf`c - ZfekXZkj
B\kn\\e fg\e ZfekXZkj
Ng\iXk\ k`d\ .Xk efd`2 mfck2/
P\c\Xj\ k`d\ .Xk efd`2 mfck2/
FleZk`feXc
D\jkilZk`m\
T`YiXk`fe i\j`jkXeZ\
Hld`[`kp
AdY`\ek k\dg\iXkli\
R\id`eXk`fe
Se`k n\`^_k
CfejkilZk`fe
544L .Xk 944TDC/
5444TAC 5d`e
944TAC 5d`e
54dj dXo2
9dj dXo2
544d3j6 .54^/
5444d3j6 .544^/
54Hq kf 99Hq 529dd DA
79, kf <9, PH
169 kf ;4
OCB .DIO/
Aggifo2 9^
>@097:7/?@=3 >75:/8 =38/C
16/=/1?3=7>?71>
1;78
1;78 2/?/
5C
544d .Xk 5A 68TDC/
A^M`
684TAC 3 74TDC
6A
684TA 3 74U
5o54;NOQ
5o549 NOQ
CfeZXk XiiXe^\d\ek
CfekXZk i\j`jkXeZ\
CfekXZk dXk\i`Xc
CfekXZk iXk`e^ .P\j2 cfX[/
LXo2 jn`kZ_`e^ mfckX^\
LXo2 jn`kZ_`e^ Zlii\ek
LXo2 jn`kZ_`e^ gfn\i
L\Z_Xe`ZXc \e[liXeZ\
Ec\Zki`ZXc \e[liXeZ\
Mfd`eXc
TfckX^\
TDC
Cf`c P\j`jkXeZ\
o.5 54,/
7
9
:
=
56
68
627
72<
829
:2<
=24
5<24
427
429
42:
42=
526
628
72=
:29
;2<
552;
592:
7526
89
564
5<4
844
;44
6<44
69
;4
544
664
844
5:44
64
9:
<4
5<4
764
56<4
>/43?C /<<=;A/8 =/?7:5>
Eoki\d\cp cfn Zfjk
6A jn`kZ_`e^ ZXgXY`c`kp
5 Ffid C Zfe]`^liXk`fe
QkXe[Xi[ OCB cXpflk
UXj_ k`^_k Xe[ ]clo giff]\[ kpg\j XmX`cXYc\
{
{
{
{
{
@8~1@=
Xk 67
79
:MQGP. 5/ R_\ [XkX j_fne XYfm\ Xi\ `e`k`Xc mXcl\j2
6/ Oc\Xj\ ]`e[ Zf`c k\dg\iXkli\ Zlim\ `e k_\ Z_XiXZk\i`jk`Z Zlim\j Y\cfn2


Similar Part No. - HFD41

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD41 HONGFA-HFD41 Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD41/12VDC-BSGF3 HONGFA-HFD41/12VDC-BSGF3 Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD41/12VDC-BSGF5 HONGFA-HFD41/12VDC-BSGF5 Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD41/12VDC-HSGF3 HONGFA-HFD41/12VDC-HSGF3 Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD41/12VDC-HSGF5 HONGFA-HFD41/12VDC-HSGF5 Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
More results

Similar Description - HFD41

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD4 HONGFA-HFD4 Datasheet
191Kb / 5P
SUBMINIATURE SIGNAL RELAY
HFD41 HONGFA-HFD41 Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD41HFD41A HONGFA-HFD41HFD41A Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD3 HONGFA-HFD3 Datasheet
211Kb / 6P
SUBMINIATURE SIGNAL RELAY
logo
Sanyou Corporation Limi...
DSY2Y SANYOU-DSY2Y Datasheet
59Kb / 3P
Subminiature Signal Relay
SYS SANYOU-SYS Datasheet
183Kb / 3P
Subminiature Signal Relay
SYS1K SANYOU-SYS1K Datasheet
167Kb / 3P
Subminiature Signal Relay
logo
Hongfa Technology
HFD17 HONGFA-HFD17 Datasheet
609Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD42 HONGFA-HFD42 Datasheet
865Kb / 5P
SUBMINIATURE SIGNAL RELAY
logo
List of Unclassifed Man...
HK4100F ETC-HK4100F Datasheet
416Kb / 3P
SUBMINIATURE SIGNAL RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com