Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFKB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HFKB
Description  AUTOMOTIVE RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HFKB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HFKB Datasheet HTML 1Page - List of Unclassifed Manufacturers HFKB Datasheet HTML 2Page - List of Unclassifed Manufacturers HFKB Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
53
Q_fZb i\j`jkXeZ\
4. U_\e k_\ cfX[ i\hl`i\d\ek `j [`]]\i\ek ]ifd Zfek\ek f] k_\ kXYc\ XYfm\/ gc\Xj\ ZfekXZk Ffe^]X ]fi i\cXp Xggc`ZXk`fe jlggfik1
4?/ 4A
Rpg= 53dT -Xk 43?.
KXo1= 583dT -Xk 43?.
48?
63TBA
4? 9TBA
4t438 MNQ
4t43:MNQ -633MNQ2d`e.
433K -Xk 833TBA.
@\kn\\e Zf`c , ZfekXZkj= 4833T?A
@\kn\\e fg\e ZfekXZkj= :83T?A
Rpg= 8dj
KXo1= 43dj -Xk efd`1 mfc1.
AfekXZk XiiXe^\d\ek
KXo1jn`kZ_`e^ Zlii\ek
KXo1jn`kZ_`e^ mfckX^\
K`e1ZfekXZk cfX[
Cc\Zki`ZXc \e[liXeZ\
K\Z_Xe`ZXc \e[liXeZ\
Rpg= 6dj
KXo1= 43dj 6.
073 kf ;8
073 kf 488
43Fq kf 88Fq 418dd B?
<;d2j5 -43^.
NA@ 7.
UXj_ k`^_k/ Dclo giff]\[
?ggifo143^
Ge`k`Xc `ejlcXk`fe i\j`jkXeZ\
?ek`0k_\]k cfZb/ A\ekiXc [ffi cfZb
4. Chl`mXc\ek kf k_\ dXo1`e`k`Xc ZfekXZk i\j`jkXeZ\ `j 433d -Xk 4? 9TBA.1
5. 4d`e/ c\XbX^\ Zlii\ek c\jj k_Xe 4d?1
6. R_\ mXcl\ `j d\Xjli\[ n_\e mfckX^\ [ifgj jl[[\ecp ]ifd efd`eXc
mfckX^\ kf 3 TBA Xe[ Zf`c `j efk gXiXcc\c\[ n`k_ jlggi\jj`fe Z`iZl`k1
7. Q`eZ\ `k `j Xe \em`ifed\ekXc ]i`\e[cp gif[lZk/ gc\Xj\ j\c\Zk c\X[0]i\\
jfc[\i n_\e n\c[`e^1R_\ i\Zfdd\e[\[ jfc[\i`e^ k\dg\iXkli\ Xe[
k`d\ `j 573 kf 593 /5jkf8j1
5JGTURJS
AWQLHGM 0QQMLHGTLPOS
P\j`jk`m\
FMLED? PCJ?W
GQM<334yGQM2RQ49<7< yGQM47334yMFQ?Q4;334 ACPRGDGCB
533: P\m14143
TfckX^\ [ifg -`e`k`Xc. 4.
KXb\
@i\Xb
4t438
48
48
8
8
48
48
8
8
8
8
AfekXZk
dXk\i`Xc
JfX[ n`i`e^
[`X^iXd
P
P
7591
z 48? jn`kZ_`e^ ZXgXY`c`kp
z QlYd`e`Xkli\/ jkXe[Xi[ NA@ cXpflk
z 4 Dfid ? , 4 Dfid A ZfekXZk XiiXe^\d\ek
z UXj_ k`^_k Xe[ Dclo giff]\[ kpg\j XmX`cXYc\
z PfFQ , CJT Zfdgc`Xek
0BA=;=A8C4 ?4:0E
-HOA06DD0K.
270?02A4?8@A82@
2=<A02A 30A0 4.
Xk 56
B`\c\Zki`Z jki\e^k_ 5.
LM
LA
LM
?dY`\ek k\dg\iXkli\
QkfiX^\ k\dg\iXkli\
T`YiXk`fe i\j`jkXeZ\
R\id`eXk`fe
AfejkilZk`fe
Se`k n\`^_k
Mg\iXk\ k`d\
P\c\Xj\ k`d\
4618TBA
?^QeM5
JfX[
mfckX^\
JfX[ kpg\
4?
4A
JfX[ Zlii\ek ?
Me2M]] iXk`f
Me
j
M]]
j
Cc\Zki`ZXc
\e[liXeZ\
MNQ
AMK
LA
LM


Similar Part No. - HFKB

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFK9-T HONGFA-HFK9-T Datasheet
134Kb / 5P
AUTOMOTIVE RELAY
HFK9-T/12-SHSTL HONGFA-HFK9-T/12-SHSTL Datasheet
134Kb / 5P
AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
HFKA ETC2-HFKA Datasheet
87Kb / 5P
AUTOMOTIVE RELAY
logo
Hongfa Technology
HFKA HONGFA-HFKA Datasheet
398Kb / 8P
AUTOMOTIVE RELAY
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
AUTOMOTIVE RELAY
More results

Similar Description - HFKB

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
Automotive Relay
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
AUTOMOTIVE RELAY
logo
Hongfa Technology
HFV4 HONGFA-HFV4_07 Datasheet
98Kb / 5P
AUTOMOTIVE RELAY
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8J-1C6T OMRON-G8J-1C6T Datasheet
72Kb / 3P
Automotive Relay
logo
Hongfa Technology
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
AUTOMOTIVE RELAY
HFV11 HONGFA-HFV11_15 Datasheet
48Kb / 3P
AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
Automotive Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com