Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8002AT/5 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8002AT/5
Description  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002AT/5 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8002AT/5 Datasheet HTML 1Page - NXP Semiconductors TDA8002AT/5 Datasheet HTML 2Page - NXP Semiconductors TDA8002AT/5 Datasheet HTML 3Page - NXP Semiconductors TDA8002AT/5 Datasheet HTML 4Page - NXP Semiconductors TDA8002AT/5 Datasheet HTML 5Page - NXP Semiconductors TDA8002AT/5 Datasheet HTML 6Page - NXP Semiconductors TDA8002AT/5 Datasheet HTML 7Page - NXP Semiconductors TDA8002AT/5 Datasheet HTML 8Page - NXP Semiconductors TDA8002AT/5 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
1997 Nov 04
2
Philips Semiconductors
Product specification
IC card interface
TDA8002
FEATURES
• Single supply voltage interface (3.3 or 5 V environment)
• Low-power sleep mode
• Three specific protected half-duplex bidirectional
buffered I/O lines
• VCC regulation (5 V ±5%, ICC <65 mA at VDD = 5 V, with
controlled rise and fall times
• Thermal and short-circuit protections with current
limitations
• Automatic ISO 7816 activation and deactivation
sequences
• Enhanced ESD protections on card side (>6 kV)
• Clock generation for the card up to 12 MHz with
synchronous frequency changes
• Clock generation up to 20 MHz (auxiliary clock)
• Synchronous and asynchronous cards (memory and
smart cards)
• ISO 7816, GSM11.11 compatibility and EMV (Europay,
Mastercard, Visa) compliant
• Step-up converter for VCC generation
• Supply supervisor for spikes elimination and emergency
deactivation.
APPLICATIONS
• IC card readers for:
– GSM applications
– banking
– electronic payment
– identification
– Pay TV
– road tolling.
GENERAL DESCRIPTION
The TDA8002 is a complete low-power, analog interface
for asynchronous and synchronous cards. It can be placed
between the card and the microcontroller. It performs all
supply, protection and control functions. It is directly
compatible with ISO 7816, GSM11.11 and EMV
specifications.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDDA
analog supply voltage
3.0
5
6.5
V
IDD
supply current
sleep mode
−−
150
µA
idle mode; fCLK = 2.5 MHz;
fCLKOUT = 10 MHz; VDD =5V
−−
6mA
active mode; fCLK = 2.5 MHz;
fCLKOUT = 10 MHz; VDD =5V
−−
9mA
active mode; fCLK = 2.5 MHz;
fCLKOUT = 10 MHz; VDD =3V
−−
12
mA
Card supply
VCC(O)
output voltage
DC load <65 mA
4.75
−
5.25
V
ICC(O)
output current
VCC short-circuited to GND
−−
100
mA
General
fCLK
card clock frequency
0
−
12
MHz
Tde
deactivation cycle time
60
80
100
µs
Ptot
continuous total power dissipation
TDA8002AT; TDA8002BT
Tamb = −25 to +85 °C
−−
0.56
W
TDA8002G
Tamb = −25 to +85 °C
−−
0.46
W
Tamb
operating ambient temperature
−25
−
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com