Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T45331J Datasheet(PDF) 2 Page - Bi technologies

Part # T45331J
Description  Thick Film Super Low Profile SIP Resistor Networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

T45331J Datasheet(HTML) 2 Page - Bi technologies

  T45331J Datasheet HTML 1Page - Bi technologies T45331J Datasheet HTML 2Page - Bi technologies T45331J Datasheet HTML 3Page - Bi technologies T45331J Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
100
80
60
40
20
0
-55
0
70
125
Percent of
Rated Power
Ambient Temperature (
°C)
POWER DERATING CURVE
POWER DISSIPATION, AT 70°C
Model
Per Package
Per Resistor
Tn-1
(n-1) x 0.100
0.100
Tn-3
(n-1) x 0.100
0.100
Tn-5
(n-1) x 0.100
0.060
4-64
Model T Series
-3 Circuit (Isolated Resistors) & -1 Circuit (Bussed Resistors)
Ohms
Code
Ohms
Code
Ohms
Code
22
220
1K
102
27K
273
33
330
1.2K
122
33K
333
39
390
1.5K
152
39K
393
47
470
1.8K
182
47K
473
56
560
2K
202
56K
563
68
680
2.2K
222
68K
683
82
820
2.7K
272
82K
823
100
101
3.3K
332
100K
104
120
121
3.9K
392
120K
124
150
151
4.7K
472
150K
154
180
181
5.6K
562
180K
184
220
221
6.8K
682
220K
224
270
271
8.2K
822
270K
274
330
331
10K
103
330K
334
390
391
12K
123
390K
394
470
471
15K
153
470K
474
560
561
18K
183
560K
564
680
681
20K
203
680K
684
820
821
22K
223
820K
824
1Meg
105
Ohms
Code
Ohms
Code
Ohms
Code
R1/R2
R1/R2
R1/R2
R1/R2
R1/R2
R1/R2
180/390 181/391
330/390
331/391
3K/6.2K
302/622
220/270 221/271
330/470
331/471
220/330 221/331
330/680
331/681
STANDARD RESISTANCE VALUES, OHMS
-5 Circuit (Dual Terminators)
PACKAGING
Standard:
Plastic Bags
Capacity
=
200 Units
APPLICABLE DOCUMENTS
MIL-R-83401 — Resistor Networks, Fixed, Film, General Specifications
MIL-STD-105 — Sampling Procedures and Tables for Inspection by Attributes
MIL-STD-202 — Test Methods for Electronic and Electrical Component Parts



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com