Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD538ADZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD538ADZ
Description  Real-Time Analog Computational Unit (ACU)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD538ADZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD538ADZ Datasheet HTML 8Page - Analog Devices AD538ADZ Datasheet HTML 9Page - Analog Devices AD538ADZ Datasheet HTML 10Page - Analog Devices AD538ADZ Datasheet HTML 11Page - Analog Devices AD538ADZ Datasheet HTML 12Page - Analog Devices AD538ADZ Datasheet HTML 13Page - Analog Devices AD538ADZ Datasheet HTML 14Page - Analog Devices AD538ADZ Datasheet HTML 15Page - Analog Devices AD538ADZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD538
Rev. E | Page 12 of 16
TWO-QUADRANT DIVISION
The two-quadrant linear divider circuit illustrated in Figure 14
uses the same basic connections as the one-quadrant version.
However, in this circuit the numerator has been offset in the
positive direction by adding the denominator input voltage
to it. The offsetting scheme changes the divider’s transfer
function from


=
X
Z
O
V
V
V
V
10
to
(
)


+
=


+
=
+
=
X
Z
X
Z
X
X
Z
O
V
V
V
V
A
V
AV
V
V
V
10
A
10
1
V
10
V
10
where:
=
kΩ
25
kΩ
35
A
As long as the magnitude of the denominator input is equal
to or greater than the magnitude of the numerator input, the
circuit accepts bipolar numerator voltages. However, under
the conditions of a 0 V numerator input, the output would
incorrectly equal +14 V. The offset can be removed by connecting
the 10 V reference through Resistors R1 and R2 to the output
section’s summing Node I at Pin 9 thus providing a gain of 1.4
at the center of the trimming potentiometer. The potentiometer,
R2, adjusts out or corrects this offset, leaving the desired
transfer function of 10 V (VZ/VX).
25k
Ω
35k
Ω
R2
10k
Ω
R1
12.4k
Ω
25k
Ω
35k
Ω
100
Ω
25k
Ω
25k
Ω
ANTILOG
LOG
OUTPUT
ZERO
ADJUST
100
Ω
AD538
IY
A
D
IX
VX
C
IN4148
VY
8
1
1
17
16
15
14
13
12
11
10
2
3
4
5
6
7
8
9
LOG
RATIO
INTERNAL
VOLTAGE
REFERENCE
SIGNAL
GND
PWR
GND
IZ
VZ
VO
I
B
+10V
+2V
OUTPUT
VO = 10
FOR VX ≥ VZ
VZ
VX
10M
Ω
VOS
3.9M
Ω
1M
Ω
ADJ
68k
Ω
–1.2V
AD589
–VS
NUMERATOR
VZ
DENOMINATOR
VX
OPTIONAL
Z OFFSET TRIM
+15V
–15V
Figure 14. Two-Quadrant Division with 10 V Scaling
LOG RATIO OPERATION
Figure 15 shows the AD538 configured for computing the log
of the ratio of two input voltages (or currents). The output
signal from B is connected to the summing junction of the
output amplifier via two series resistors. The 90.9 Ω metal film
resistor effectively degrades the temperature coefficient of the
±3500 ppm/°C resistor to produce a 1.09 kΩ +3300 ppm/°C
equivalent value. In this configuration, the VY input must
be tied to some voltage less than zero (−1.2 V in this case)
removing this input from the transfer function.
The 5 kΩ potentiometer controls the circuit’s scale factor
adjustment providing a +1 V per decade adjustment. The
output offset potentiometer should be set to provide a zero
output with VX = VZ = 1 V. The input VZ adjustment should
be set for an output of 3 V with VZ = l mV and VX = 1 V.
25k
Ω
1M
Ω
AD589
68k
Ω
5%
OPTIONAL
INPUT VOS
ADJUSTMENT
10M
Ω
–1.2V
–VS
25k
Ω
100
Ω
90.9
Ω
1%
1k
+3500
ppm/°C
25k
Ω
25k
Ω
ANTILOG
LOG
OUTPUT
100
Ω
48.7
Ω
AD538
IY
A
D
IX
VX
C
IN4148
VY
8
1
1
17
16
15
14
13
12
11
10
2
3
4
5
6
7
8
9
LOG
RATIO
INTERNAL
VOLTAGE
REFERENCE
SIGNAL
GND
PWR
GND
IZ
VZ
VO
I
+15V
–15V
B
+10V
+2V
OUTPUT
VX
INPUT
VZ
VX
5k
Ω
SCALE
FACTOR
ADJUST
OPTIONAL
OUTPUT VOS
ADJUSTMENT
2k
Ω
1%
+VS
–VS
10k
Ω
10M
Ω
VO = 1V LOG10
Figure 15. Log Ratio Circuit
The log ratio circuit shown achieves ±0.5% accuracy in the log
domain for input voltages within three decades of input range:
10 mV to 10 V. This error is not defined as a percent of full-
scale output, but as a percent of input. For example, using a
1 V/decade scale factor, a 1% error in the positive direction
at the input of the log ratio amplifier translates into a 4.3 mV
deviation from the ideal OUTPUT (that is, 1 V × log10 (1.01) =
4.3214 mV). An input error 1% in the negative direction is
slightly different, giving an output deviation of 4.3648 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com