Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD737 Datasheet(PDF) 13 Page - Analog Devices

Part # AD737
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD737 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD737 Datasheet HTML 9Page - Analog Devices AD737 Datasheet HTML 10Page - Analog Devices AD737 Datasheet HTML 11Page - Analog Devices AD737 Datasheet HTML 12Page - Analog Devices AD737 Datasheet HTML 13Page - Analog Devices AD737 Datasheet HTML 14Page - Analog Devices AD737 Datasheet HTML 15Page - Analog Devices AD737 Datasheet HTML 16Page - Analog Devices AD737 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
AD737
Rev. J | Page 13 of 24
THEORY OF OPERATION
The AD737 has four functional subsections: an input amplifier,
a full-wave rectifier, an rms core, and a bias section (see Figure 23).
The FET input amplifier allows a high impedance, buffered
input at Pin 2 or a low impedance, wide dynamic range input at
Pin 1. The high impedance input, with its low input bias
current, is ideal for use with high impedance input attenuators.
The input signal can be either dc-coupled or ac-coupled to the
input amplifier. Unlike other rms converters, the AD737
permits both direct and indirect ac coupling of the inputs. AC
coupling is provided by placing a series capacitor between the
input signal and Pin 2 (or Pin 1) for direct coupling and
between Pin 1 and ground (while driving Pin 2) for indirect
coupling.
RMS
TRANSLINEAR
CORE
8
COM
+VS
7
6
OUTPUT
5
CAV
CURRENT
MODE
ABSOLUTE
VALUE
1
2
3
POWER
DOWN
4
CA
33µF
AC
CC = 10µF
CF
10µF
(OPTIONAL
LPF)
VIN
–VS
–VS
+VS
VIN
CC
+
OPTIONAL RETURN PATH
8kΩ
+
+
DC
BIAS
SECTION
FET
OP AMP
IB < 10pA
8kΩ
0.1µF
0.1µF
COMMON
POSITIVE SUPPLY
NEGATIVE SUPPLY
Figure 23. AD737 True RMS Circuit (Test Circuit)
The output of the input amplifier drives a full-wave precision
rectifier, which, in turn, drives the rms core. It is the core that
provides the essential rms operations of squaring, averaging,
and square rooting, using an external averaging capacitor, CAV.
Without CAV, the rectified input signal passes through the core
unprocessed, as is done with the average responding connection
(see Figure 25). In the average responding mode, averaging is
carried out by an RC post filter consisting of an 8 kΩ internal
scale factor resistor connected between Pin 6 and Pin 8 and an
external averaging capacitor, CF. In the rms circuit, this addi-
tional filtering stage reduces any output ripple that was not
removed by the averaging capacitor.
Finally, the bias subsection permits a power-down function.
This reduces the idle current of the AD737 from 160 µA to
30 µA. This feature is selected by connecting Pin 3 to Pin 7 (+VS).
TYPES OF AC MEASUREMENT
The AD737 measures ac signals either by operating as an
average responding converter or by operating as a true rms-to-dc
converter. As its name implies, an average responding converter
computes the average absolute value of an ac (or ac and dc)
voltage or current by full-wave rectifying and low-pass filtering
the input signal; this approximates the average. The resulting
output, a dc average level, is then scaled by adding (or reducing)
gain; this scale factor converts the dc average reading to an rms
equivalent value for the waveform being measured. For example,
the average absolute value of a sine wave voltage is 0.636 times
that of VPEAK; the corresponding rms value is 0.707 times VPEAK.
Therefore, for sine wave voltages, the required scale factor is
1.11 (0.707 divided by 0.636).
In contrast to measuring the average value, true rms measure-
ment is a universal language among waveforms, allowing the
magnitudes of all types of voltage (or current) waveforms to be
compared to one another and to dc. RMS is a direct measure of
the power or heating value of an ac voltage compared to that of
a dc voltage; an ac signal of 1 V rms produces the same amount
of heat in a resistor as a 1 V dc signal.
Mathematically, the rms value of a voltage is defined (using a
simplified equation) as
)
( 2
V
Avg
V rms =
This involves squaring the signal, taking the average, and then
obtaining the square root. True rms converters are smart recti-
fiers; they provide an accurate rms reading regardless of the
type of waveform being measured. However, average
responding converters can exhibit very high errors when their
input signals deviate from their pre-calibrated waveform; the
magnitude of the error depends on the type of waveform being
measured. As an example, if an average responding converter is
calibrated to measure the rms value of sine wave voltages and
then is used to measure either symmetrical square waves or dc
voltages, the converter has a computational error 11% (of
reading) higher than the true rms value (see Table 5).
The transfer function for the AD737 is
)
(
2
IN
OUT
V
Avg
V
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com