Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD633JRZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD633JRZ-R7
Description  Low Cost Analog Multiplier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD633JRZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD633JRZ-R7 Datasheet HTML 12Page - Analog Devices AD633JRZ-R7 Datasheet HTML 13Page - Analog Devices AD633JRZ-R7 Datasheet HTML 14Page - Analog Devices AD633JRZ-R7 Datasheet HTML 15Page - Analog Devices AD633JRZ-R7 Datasheet HTML 16Page - Analog Devices AD633JRZ-R7 Datasheet HTML 17Page - Analog Devices AD633JRZ-R7 Datasheet HTML 18Page - Analog Devices AD633JRZ-R7 Datasheet HTML 19Page - Analog Devices AD633JRZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
AD633
Rev. K | Page 17 of 20
Figure 46. Inner Layer Power Plane
Figure 47. Component Side Silk Screen
Figure 48. AD633-EVALZ Assembly
18
7
6
5
4
3
2
Y1
Y2
–VS
X2
+VS
X1
W
Z
C1
0.1µF
C2
0.1µF
C3
0.1µF
DUT1
AD633ARZ
FUNCT(1)
R2
10kΩ
2
7
3
4
6
Z2
AD711
+V
OUT
+
M
D
NUMERATOR
X2_IN
FUNCT(2)
M
D
S1
M
D
SELX1
SEL_X2
SEL_Y1
SEL_Y2
+
+
GND
G6
G5
G4
G3
G2
G1
+V
−V
+V
+V
−V
−V
MULTIPLY:
[(X1-X2)(Y1-Y2)/10V] + Z
DIVIDE:
−10V (NUM/DENOM)
IN
TEST
GND
Y1_TP
X1_TP
Y2_TP
X2_TP
NOM_TP
OUT_TP
FUNCTION SWITCH – S1
C5
10µF
25V
C6
10µF
25V
Y1_IN
Y2_IN
–VS
IN
TEST
GND
IN
TEST
GND
X2_IN
IN
TEST
GND
SEL_Y2
Y2_TP
Z_IN
IN
TEST
GND
C4
0.1µF
X1_IN
(DENOM)
R1
100Ω
R3
10kΩ
Figure 49. Schematic of the AD633 Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com