Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT01 Datasheet(PDF) 8 Page - Analog Devices

Part # MAT01
Description  Matched Monolithic Dual Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT01 Datasheet(HTML) 8 Page - Analog Devices

Back Button MAT01 Datasheet HTML 4Page - Analog Devices MAT01 Datasheet HTML 5Page - Analog Devices MAT01 Datasheet HTML 6Page - Analog Devices MAT01 Datasheet HTML 7Page - Analog Devices MAT01 Datasheet HTML 8Page - Analog Devices MAT01 Datasheet HTML 9Page - Analog Devices MAT01 Datasheet HTML 10Page - Analog Devices MAT01 Datasheet HTML 11Page - Analog Devices MAT01 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MAT01
Data Sheet
TEST CIRCUITS
Figure 11. Matching Measurement Circuit
Figure 12. Noise Measurement Circuit
+16.5V
50kΩ*
50kΩ*
TEST
UNITS
20kΩ
OP1177
100kΩ
1%
1MΩ
1MΩ*
100kΩ
1%
–15V
VOUT
S1B
S1A
S1A
S1B
VOS
VOUT1
CLOSED CLOSED
IOS
VOUT2 – VOUT1
1V PER mV
1V PER nA
OPEN
OPEN
100pF
MAT01
100pF
50kΩ*
V–
20µA
*MATCHED TO 0.01%
+16.5V
+15V
50kΩ*
50kΩ*
TEST
V01/√2
2.5MΩ
4kΩ
V02
3.3kΩ
LOW
FREQUENCY
NOISE
NOISE
DENSITY
4MΩ
4MΩ
100Ω
4.7µF
–15V
+15V
S1B
S2
S3
B
A
S1A
S1A
S1B
V01/(√2 × 4MΩ)
OPEN
OPEN
CLOSED
A
NOISE VOLTAGE DENSITY
(PER TRANSISTOR)
NOISE CURRENT DENSITY
(PER TRANSISTOR)
LOW FREQUENCY NOISE
(REFERRED TO INPUT)
CLOSED CLOSED CLOSED
A
OPEN
B
V02 PEAK-TO-PEAK
25,000
CLOSED CLOSED
2pF
MAT01
2pF
50kΩ*
–15V
20µA
720kΩ
*MATCHED TO 0.01%
S2
S3**
READING
V01
SPECTRUM
ANALYZER
OR
QUAN-TECH
IC NOISE
ANALYZER
2181/2283
**A AND B REFER TO THE THROW POSITION OF THE SWITCH
Rev. D | Page 8 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com