Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDP-30 Datasheet(PDF) 1 Page - CUI Devices

Part # PDP-30
Description  POWER DIN PLUG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PDP-30 Datasheet(HTML) 1 Page - CUI Devices

  PDP-30 Datasheet HTML 1Page - CUI Devices PDP-30 Datasheet HTML 2Page - CUI Devices PDP-30 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 08/05/2022
page 1 of 3
MODEL: PDP-30 | DESCRIPTION: POWER DIN PLUG
cuidevices.com
FEATURES
• 3 pin power DIN plug
• modular connector
• cable mount
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
20
Vdc
rated input current
pins 1 & 2 (pin Ø1.5)
pin 3 (pin Ø1.0)
7.5
1
A
A
insulation resistance
at 250 Vdc
50
MΩ
voltage withstand
for 1 minute
250
Vac
insertion force
4.5
kg
withdrawal force
3.5
kg
operating temperature
-20
85
°C
flammability rating
UL94V-0
RoHS
yes
Additional Resources: Product Page | 3D Model


Similar Part No. - PDP-30

ManufacturerPart #DatasheetDescription
logo
CUI INC
PDP-30 CUI-PDP-30 Datasheet
111Kb / 4P
INSULATION RESISTANCE: 50M OHMS MIN: 250V DC
More results

Similar Description - PDP-30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DAP08 ETC1-DAP08 Datasheet
154Kb / 1P
DIN PLUG ASSY TYPE
logo
CONEC Elektronische Bau...
301A10479X CONEC-301A10479X Datasheet
127Kb / 1P
MINI DIN PLUG
logo
Winchester Electronics ...
SD373-010-6141G WINCHESTER-SD373-010-6141G Datasheet
38Kb / 1P
DIN RIGHT ANGLE PLUG DIN RIGHT ANGLE PLUG
logo
CUI INC
PDP-40 CUI-PDP-40 Datasheet
116Kb / 4P
4-PIN POWER DIN PLUG
logo
Adam Technologies, Inc.
DP-0XX-LT ADAM-TECH-DP-0XX-LT Datasheet
81Kb / 1P
MALE DIN PLUG
DP-00X ADAM-TECH-DP-00X Datasheet
75Kb / 1P
DIN PLUG ASSEMBLY TYPE
DS-00X ADAM-TECH-DS-00X Datasheet
113Kb / 1P
FEMALE DIN PLUG
MDP-00X-M ADAM-TECH-MDP-00X-M Datasheet
74Kb / 1P
MINI DIN PLUG
MDP-XX-LT ADAM-TECH-MDP-XX-LT Datasheet
115Kb / 1P
MINI DIN POWER PLUG
MDP-XXX ADAM-TECH-MDP-XXX Datasheet
100Kb / 1P
MINI DIN PLUG
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com