Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ-005A Datasheet(PDF) 2 Page - CUI Devices

Part # PJ-005A
Description  DC POWER JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PJ-005A Datasheet(HTML) 2 Page - CUI Devices

  PJ-005A Datasheet HTML 1Page - CUI Devices PJ-005A Datasheet HTML 2Page - CUI Devices PJ-005A Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
date 02/24/2022 page 2 of 3
CUI Devices
│ MODEL: PJ-005A │ DESCRIPTION: DC POWER JACK
cuidevices.com
MECHANICAL DRAWING
units: mm
tolerance: ±0.3mm
Note:
1. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
SCHEMATIC
Model
PJ-005A
Center Pin
Ø2.0 mm
MATING PLUG
Jack Insertion Depth: 9.0 mm
3
2
1
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
1
terminal pin
brass
silver
2
sleeve spring
phosphor bronze
silver
3
break terminal
brass
silver
4
housing
PBT (UL94V-0)
black
5
bushing
brass
nickel
6
pin(Ø2.0)
brass
nickel
7
insulator A
vulcanize fiber
red
8
insulator B
vulcanize fiber
red
9
nut
brass
nickel
10
washer
steel
nickel
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com