Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6907 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC6907
Description  TimerBlox: Voltage Controlled Silicon Oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6907 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC6907 Datasheet HTML 9Page - Analog Devices LTC6907 Datasheet HTML 10Page - Analog Devices LTC6907 Datasheet HTML 11Page - Analog Devices LTC6907 Datasheet HTML 12Page - Analog Devices LTC6907 Datasheet HTML 13Page - Analog Devices LTC6907 Datasheet HTML 14Page - Analog Devices LTC6907 Datasheet HTML 15Page - Analog Devices LTC6907 Datasheet HTML 16Page - Analog Devices LTC6907 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LTC6990
13
Rev. D
For more information www.analog.com
OPERATION
Changing DIVCODE After Start-Up
Following start-up, the A/D converter will continue moni-
toring VDIV for changes. Changes to DIVCODE will be
recognized slowly, as the LTC6990 places a priority on
eliminating any “wandering” in the DIVCODE. The typi-
cal delay depends on the difference between the old and
new DIVCODE settings and is proportional to the master
oscillator period.
tDIVCODE = 16 •(∆DIVCODE + 6)• tMASTER
A change in DIVCODE will not be recognized until it is
stable, and will not pass through intermediate codes. A
digital filter is used to guarantee the DIVCODE has settled
to a new value before making changes to the output. Then
the output will make a clean (glitchless) transition to the
new divider setting.
Start-Up Time
When power is first applied to the LTC6990 the power-on
reset (POR) circuit will initiate the start-up time, tSTART.
The OUT pin is floated (high-impedance) during this time.
The typical value for tSTART ranges from 0.5ms to 8ms
depending on the master oscillator frequency (indepen-
dent of NDIV):
tSTART(TYP) = 500 • tMASTER
The start-up time may be longer if the supply or DIV
pin voltages are not stable. For this reason, it is recom-
mended to minimize the capacitance on the DIV pin so it
will properly track V+.
Figure 5. DIVCODE Change from 5 to 2
Figure 6. Typical Start-Up
100µs/DIV
6990 F05
DIV
1V/DIV
OUT
1V/DIV
V+ = 3.3V
RSET = 200k
576µs
100µs/DIV
6990 F06
V+
1V/DIV
OUT
1V/DIV
V+ = 2.5V
DIVCODE = 4
RSET = 50k
OUTPUT CONNECTED
TO 1.25V THROUGH 25k
TO SHOW Hi-Z
470µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com