Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR Datasheet(PDF) 2 Page - CUI Devices

Part # SDR
Description  STANDARD DIN CONNECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SDR Datasheet(HTML) 2 Page - CUI Devices

  SDR Datasheet HTML 1Page - CUI Devices SDR Datasheet HTML 2Page - CUI Devices SDR Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CUI DEVICES | SERIES: SDR | DESCRIPTION: STANDARD DIN CONNECTOR
date 08/05/2022 | page 2 of 3
cuidevices.com
45°
13.50.531
0.630
16.0
12.50.492
60°
13.50.531
0.630
16.0
12.50.492
45°
13.50.531
0.630
16.0
12.50.492
90°
13.50.531
0.630
16.0
12.50.492
6.0 0.236
30.51.201
0.354
9.0
0.720
18.3
45°
0.7 0.028
13.50.531
0.630
16.0
12.50.492
22.50.886
MECHANICAL DRAWINGS
units: mm[inches]
tolerance: ±0.2 mm
SDR-30
MATERIAL
PLATING
pins
brass
nickel
shell contact 1
steel
nickel
shell contact 2
steel
nickel
cap
polyethylene
insulator
ABS resin
cable protector
PVC
SDR-60
SDR-50
SDR-70
SDR-80
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com