Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8007B Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8007B
Description  Double multiprotocol IC card interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8007B Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8007B Datasheet HTML 9Page - NXP Semiconductors TDA8007B Datasheet HTML 10Page - NXP Semiconductors TDA8007B Datasheet HTML 11Page - NXP Semiconductors TDA8007B Datasheet HTML 12Page - NXP Semiconductors TDA8007B Datasheet HTML 13Page - NXP Semiconductors TDA8007B Datasheet HTML 14Page - NXP Semiconductors TDA8007B Datasheet HTML 15Page - NXP Semiconductors TDA8007B Datasheet HTML 16Page - NXP Semiconductors TDA8007B Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
2000 Nov 09
13
Philips Semiconductors
Product specification
Double multiprotocol IC card interface
TDA8007B
The time-out counter is very useful for processing the clock
counting during ATR, the Work Waiting Time, or the
waiting times defined in T = 1 protocol. It should be noted
that the 200 and 400 CLK counter used during ATR is
done by hardware when the start session is set; a specific
hardware controls functionality BGT in T = 1 protocol, and
a specific register is available for processing the extra
guard time.
The possible use of the counters is as follows:
• ATR (cold reset):
– Before activation; TOR1 = C0H, TOR2 = 6EH,
TOR3 = 0 and TOC = 65. Once activated, timer 2 + 3
will count 40920 clock pulses before giving an
interrupt.
– On interrupt; TOR2 = 76H and TOC = 65. If a
character is received from the card before the
timeout, then counter 1 will be enabled. Counter 1 will
give one interrupt every 192 ETUs, so the software
will count 100 times to verify that the ATR is finished
before 19200 ETUs. The UART will give an interrupt
with bit Buffer Full (BF) at 10.5 ETUs after the start
bit.
– On interrupt; TOR3 = 25H, TOR2 = 80H and
TOC = 65. Counter 1 keeps on counting
100
× 192 ETUs, while counter 2 and 3 counts
9600 ETUs. This sequence is repeated until the
character before the last one of the ATR.
– On interrupt TOR3 = 25H, TOR2 = 80H and
TOC = E5. Timer 1 will be automatically stopped at
the end of the last character of the ATR, allowing a
count of 19200 ETUs.
– On interrupt TOC = 00.
• Work Waiting Time (WWT) in T = 0 protocol;
– Before sending the first command to the card
TOR1, TOR2 and TOR3 should be loaded with the
correct 960
× WI × D value and TOC = 7C
– Timer 3, 2 and 1 will count the WWT between each
start bit
• Character Waiting Time (CWT) and Block Waiting Time
(BWT) in T = 1 protocol:
– Before sending the first block to the card, TOR3,
TOR2 and TOR1 should be loaded with the CWT and
TOC=7C
– Timer 3 + 2 + 1 will count the CWT between each
start bit
– Before the end of the block, TOR3, TOR2 and TOR1
should be loaded with the BWT
– Timer3+2+1 will count the BWT from the last start
bit of the sent block
– After reception of the first character of the block from
the card, TOR3, TOR2 and TOR1 should be loaded
with the CWT
– Timer3+2+1 will count the CWT between each
received start bit
– And so on.
• Before and after CLOCK STOP (example, where
ETU = 372 clock pulses):
– After the last received character on I/O, TOR3 = 0,
TOR2 = 6 and TOC = 61
– Timer3+2 will start counting 2232 clock pulses
before giving an interrupt
– On interrupt, the software may stop the clock to the
card
– When it is necessary to restart the clock, TOR3 = 0,
TOR2 = 2, TOC = 61 and restart the clock
– Timer3+2 gives an interrupt at 744 clock pulses,
and then the software can send the first command to
the card.
ISO UART REGISTERS
When the microcontroller wants to transmit a character to
the selected card, it writes the data in direct convention in
the UART Transmit Register (see Table 8). The
transmission:
• Starts at the end of writing (on the rising edge of WR) if
the previous character has been transmitted and if the
extra guard time has expired; or
• Starts at the end of the extra guard time if this one has
not expired; or
• Does not start if the transmission of the previous
character is not completed.
In the case of a synchronous card (bit SAN within UCR2
is set), only D0 is relevant, and is copied on the I/O of the
selected card. When the microcontroller wants to read
data from the card it reads it from the UART Receive
Register (see Table 9) in direct convention.
In case of a synchronous card, only D0 is relevant and is a
copy of the state of the selected card I/O.
When needed, this register may be tied to a FIFO whose
length ‘n’ is programmable between 1 and 8.
If n > 1, then no interrupt is given until the FIFO is full. The
microcontroller may empty the FIFO at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com