Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDM40LSFSXR4LTX Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # UDM40LSFSXR4LTX
Description  Digital Panel Meters Modular Indicator and Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UDM40LSFSXR4LTX Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  UDM40LSFSXR4LTX Datasheet HTML 1Page - List of Unclassifed Manufacturers UDM40LSFSXR4LTX Datasheet HTML 2Page - List of Unclassifed Manufacturers UDM40LSFSXR4LTX Datasheet HTML 3Page - List of Unclassifed Manufacturers UDM40LSFSXR4LTX Datasheet HTML 4Page - List of Unclassifed Manufacturers UDM40LSFSXR4LTX Datasheet HTML 5Page - List of Unclassifed Manufacturers UDM40LSFSXR4LTX Datasheet HTML 6Page - List of Unclassifed Manufacturers UDM40LSFSXR4LTX Datasheet HTML 7Page - List of Unclassifed Manufacturers UDM40LSFSXR4LTX Datasheet HTML 8Page - List of Unclassifed Manufacturers UDM40LSFSXR4LTX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Specifications are subject to change without notice
UDM40DS 040706
5
UDM40
TC
Opening of probe’s
connection: EEE indication
RTD
Opening of probe’s
connection: EEE indication
probe’s short circuit:
-EEE indication.
Digital filter
Filter operating range
0 to 9999
Filtering coefficient
1 to 32
Scaling
Selection of min value
of the input range.
Selection of max value of
the input range.
Selection of decimal point
position.
Selection of min
display value.
Selection of max display
value.
Linearization
Points
Up to 16
Input range
Selectable by every
single point
Output range
Selectable by every
single point
UdmSoft
Software for
programming UDM40
by means of PC (Windows 95,
98se, ME, XP) by means of
serial port RS485 and
relevant connection cable.
The software is available in
English, Spanish, Italian,
German, French. See also
“Programming of
UDM40 by means of PC” .
Min / Max storage
Automatic storage
(in the EEPROM) of the
minimum and maximum
measured value from the
previous memory reset
Password
Numeric code max 4 dgt
2 levels of data protection.
1st level
0 to 4999 completly protected.
2nd level
5000 to 9999 access to
programming is protected .
Alarm set-points are directly
programmable from the
measuring mode.
Measurement selection
Depending on the module:
measuring range and type of
probe (resistance, RTD
thermoresistance, TC
thermocouple) or measuring
type (TRMS or DC).
Integration time selection
Automatic or from 100.0 to
999.9 ms only in the current
and voltage measurement.
Scaling factors
Operating mode
Electrical scale compression,
displayed scale
compression/expansion
(max. 2 without filter, up to
10 with filter)
Electrical range
Programmable within the
whole measuring range
Decimal point position
Programmable within the
display range
Displayed range of the variable Programmable within the
display range
Diagnostics
The display flashes when the
limits of the display range
are exceeded and the data
are updated up to 20%
of the rated display range.
Burn-out:
Only temperature inputs
Software functions
Safety Standards
Safety
EN 61010-1, IEC 61010-1
Connections
Screw type
Wire section
Max 2.5mm2
Housing
Dimensions
1/8 DIN, 48 x 96 x 105 mm
Material
PC-ABS,
self-extinguishing: UL 94 V-0
Protection degree
Front: IP67, NEMA4x
Connections: IP20
Weight
520 g approx (included all
modules and packing)
Approvals
CE, UR, CSA
Operating
0° to 50°C (32° to 122°F)
temperature
(H.R. < 90% non-condensing)
Storage
-10° to 60°C (14° to 140°F)
temperature
(H.R. < 90% non-condensing)
Insulation reference
300 V
RMS
to ground
voltage
(500V input)
Insulation
See table “Insulation between
inputs and outputs”
Dielectric strength
4000 V
RMS
for 1 minute
Rejection
NMRR
40 dB, 40 to 60 Hz
CMRR
100 dB, 40 to 60 Hz
EMC
EN61000-6-2, IEC61000-6-2
EN61000-6-3, IEC61000-6-3
General Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com