Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWT8-R1RTR Datasheet(PDF) 1 Page - Bi technologies

Part # SWT8-R1RTR
Description  Tactile Switches 6.2X6.2 mm Square Stem Cap available RoHS Compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

SWT8-R1RTR Datasheet(HTML) 1 Page - Bi technologies

  SWT8-R1RTR Datasheet HTML 1Page - Bi technologies SWT8-R1RTR Datasheet HTML 2Page - Bi technologies SWT8-R1RTR Datasheet HTML 3Page - Bi technologies SWT8-R1RTR Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model SWT8
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
December 1, 2006
page
1 of 4
BI technologies
Tactile Switches
6.2X6.2 mm
Square Stem
Cap available
RoHS Compliant
MODELS AVAILABLE
MODELS AVAILABLE
MODELS AVAILABLE
MODELS AVAILABLE
Side Actuation, Through Hole
SWT8-R
Top Actuation, Through Hole
SWT8-V
Top Actuation, SMD
SWT8-M
Cap for Square Stem 2.4 x 2.4 mm
SWT8-C
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL
Contact Resistance
100 m
Current Rating
DC 12V, 50 mA
Insulation Resistance
100 M
min
Dielectric Strength
AC 250V
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
Life, Mechanical
1,000,000 cycles : 100 & 160gf
500,000 cycles : 260gf
300,000 cycles : 320 & 520gf
Operating Temperature Range
-25
oC – 70oC.
Storage Temperature
-30
oC – 80oC
Shock
Mil-STD-202F, Method 213B Condition A
Vibration
Mil-STD-202F, Method 201A
Operating Force Range (refer to definition table below)
100 gf – 520 gf


Similar Part No. - SWT8-R1RTR

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SWT802-SB SEOUL-SWT802-SB Datasheet
940Kb / 24P
Applicable for automotive exterior light
SWT805-S SEOUL-SWT805-S Datasheet
792Kb / 17P
surface-mount LED
SWT821-S SEOUL-SWT821-S Datasheet
615Kb / 16P
Top View LED
logo
Suntsu Electronics, Inc...
SWT832 SUNTSU-SWT832 Datasheet
196Kb / 1P
Cylindrical Watch Crystal
SWT83210D16 SUNTSU-SWT83210D16 Datasheet
196Kb / 1P
Cylindrical Watch Crystal
More results

Similar Description - SWT8-R1RTR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
SWT3-G BITECH-SWT3-G Datasheet
356Kb / 5P
Tactile Switches, 6 X 3.5 mm RoHS Compliant SMD
SWT4 BITECH-SWT4 Datasheet
199Kb / 4P
Tactile Switches 4.6 X 4.6 mm Low Profile 0.5 mm RoHS Compliant
SWT5 BITECH-SWT5 Datasheet
281Kb / 4P
Tactile Switches, 5.1 X 5.1 mm RoHS Compliant Low Profile Light Weight SMD
SWT6 BITECH-SWT6 Datasheet
199Kb / 5P
Tactile Switches 6X6 mm 1 Million Actuations RoHS Compliant
SWT7 BITECH-SWT7 Datasheet
358Kb / 5P
Tactile Switches, 6.2 X 6.3 mm Low Profile, SMD RoHS Compliant
logo
TT Electronics.
SWT3 TTELEC-SWT3 Datasheet
359Kb / 5P
Model SWT3 Tactile Switches, 6 X 3.5 mm RoHS Compliant SMD
SWT4 TTELEC-SWT4 Datasheet
136Kb / 5P
Tactile Switches 4.6 X 4.6 mm Low Profile 0.5 mm RoHS Compliant
SWT5 TTELEC-SWT5 Datasheet
284Kb / 4P
Model SWT5 Tactile Switches, 5.1 X 5.1 mm RoHS Compliant
SWT6 TTELEC-SWT6 Datasheet
150Kb / 5P
Model SWT6 Tactile Switches 6X6 mm 500K Actuations RoHS Compliant
SWT7 TTELEC-SWT7 Datasheet
362Kb / 5P
Model SWT7 Tactile Switches, 6.2 X 6.3 mm Low Profile, SMD RoHS Compliant
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com