Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPT-DINAV61LS2AX Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # CPT-DINAV61LS2AX
Description  Energy Management Compact Power Transducer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPT-DINAV61LS2AX Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button CPT-DINAV61LS2AX Datasheet HTML 5Page - List of Unclassifed Manufacturers CPT-DINAV61LS2AX Datasheet HTML 6Page - List of Unclassifed Manufacturers CPT-DINAV61LS2AX Datasheet HTML 7Page - List of Unclassifed Manufacturers CPT-DINAV61LS2AX Datasheet HTML 8Page - List of Unclassifed Manufacturers CPT-DINAV61LS2AX Datasheet HTML 9Page - List of Unclassifed Manufacturers CPT-DINAV61LS2AX Datasheet HTML 10Page - List of Unclassifed Manufacturers CPT-DINAV61LS2AX Datasheet HTML 11Page - List of Unclassifed Manufacturers CPT-DINAV61LS2AX Datasheet HTML 12Page - List of Unclassifed Manufacturers CPT-DINAV61LS2AX Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
Specifications are subject to change without notice
CPT-DINADS110706
CPT-DIN
24
6
13
5
TX- RX-
T
GND
RX+
TX+
24
6
13
5
TX- RX-
T
GND
RX+
TX+
24
6
13
5
TX- RX-
T
GND
RX+
TX+
SIU-PC
RS485RS232
GND
RX+
TX+
TX-
RX -
1
5
6
9
5
3
2
GND
TX
RX
24
6
13
5
RS485 serial port and one relay connections
RS232 Serial port connection
4-wire connection of RS485 serial port, the terminalization must be carried out only on the last instrument of the network
Last instrument
1...n Instrument
24
6
13
5
TX- RX-
T
GND
RX+
TX+
24
6
13
5
TX- RX-
T
GND
RX+
TX+
24
6
13
5
TX- RX-
T
GND
RX+
TX+
SIU-PC
RS485RS232
GND
RX+
TX+
TX-
RX -
2-wire connection of RS485 serial port, the terminalization must be carried out only on the last instrument of the network
Last instrument
1...n Instrument
Easy programming
RJ12 communication port
for
parameters
program-
ming. The configuration of
the transducer can be easily
performed
by
means
of
CptASoft.
CptASoft-kit includes also
1m long connection cable
(RJ12 6-pole / RS232 9-pole
female).
2
4
6
13
5
T
GND
2
4
6
13
5
T
GND
2
4
6
13
5
T
GND
SIU-PC
RS485RS232
GND
RX+
TX+
TX-
RX-
R
RR
TX-
RX-
TX+
RX+
Reed
Relay
TX-
RX-
TX+
RX+
TX-
RX-
TX+
RX+
2-wire connection of RS485 serial port + one relay (R). The terminalization must be carried out only on the last instrument of
the network
Last instrument
1...n Instrument



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com