Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2506 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2506
Description  Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2506 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2506 Datasheet HTML 9Page - National Semiconductor (TI) LM2506 Datasheet HTML 10Page - National Semiconductor (TI) LM2506 Datasheet HTML 11Page - National Semiconductor (TI) LM2506 Datasheet HTML 12Page - National Semiconductor (TI) LM2506 Datasheet HTML 13Page - National Semiconductor (TI) LM2506 Datasheet HTML 14Page - National Semiconductor (TI) LM2506 Datasheet HTML 15Page - National Semiconductor (TI) LM2506 Datasheet HTML 16Page - National Semiconductor (TI) LM2506 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
LM2506 Features and Operation (Continued)
Application Information
SYSTEM CONSIDERATIONS
When employing the MPL SER/DES chipset in place of a
parallel bus, a few system considerations must be taken into
account. VDDIO levels of the Host and SER must be com-
patible. VDDIO levels of the DES and the Display must be
compatible. The LM2506 only supports rising edge clocking,
both the Host and Display must be compatible with this.
MPL SWAP FEATURE
The LM2506 provides a swap function of MPL MD lines
depending upon the state of the M/S* pin. This facilitates a
straight through MPL interface design eliminating the needs
for via and crossovers as shown on Figure 14. The parallel
bus pins are also swapped to facilitate a flow though orien-
tation of parallel bus signals.
20125532
FIGURE 13. Power Down Control Options
201255029
FIGURE 14. MPL Interface Layout
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com