Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5526TLX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5526TLX
Description  Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5526TLX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP5526TLX Datasheet HTML 1Page - National Semiconductor (TI) LP5526TLX Datasheet HTML 2Page - National Semiconductor (TI) LP5526TLX Datasheet HTML 3Page - National Semiconductor (TI) LP5526TLX Datasheet HTML 4Page - National Semiconductor (TI) LP5526TLX Datasheet HTML 5Page - National Semiconductor (TI) LP5526TLX Datasheet HTML 6Page - National Semiconductor (TI) LP5526TLX Datasheet HTML 7Page - National Semiconductor (TI) LP5526TLX Datasheet HTML 8Page - National Semiconductor (TI) LP5526TLX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
LP5526
Lighting Management Unit with High Voltage Boost
Converter with up to 150mA Serial FLASH LED Driver
General Description
LP5526 is a Lighting Management Unit for portable applica-
tions. It is used to drive display backlights, keypad LEDs,
RGB LEDs and camera flash LEDs. LP5526 can drive 2
separately connected strings of LEDs with high voltage
boost converter. The RGB driver allows driving either indi-
vidual color LEDs or RGB LED from separate supply power,
or it can be used to drive series connecter flash LEDs from
high voltage boost converter.
The backlight drivers (MAIN and SUB pins) are both high
resolution constant current mode drivers. The flash outputs
can drive series connected flash LED with up to 150mA of
current. External PWM control can be used for dimming any
selected LED outputs or it can be used to trigger the flash.
The flash has also 1-second safety timer.
The device is controlled through 2-wire low voltage I
2C
compatible interface that reduces the number of required
connections.
Features
n
High efficiency boost converter with programmable
output voltage up to 20V
n
2 individual drivers for serial display backlight LEDs
n
Automatic dimming controller
n
Stand alone RGB controller
n
Dedicated flash function
n
Safety function to avoid prolonged flash
n
3 general purpose IO pins
n
25-bump micro SMD Package: (2.54mm x 2.54mm x
0.6mm)
Applications
n
Cellular Phones and PDAs
n
MP3 Players
n
Digital Cameras
Typical Application
20179770
March 2006
© 2006 National Semiconductor Corporation
DS201797
www.national.com


Similar Part No. - LP5526TLX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5526TL/NOPB TI1-LP5526TL/NOPB Datasheet
1Mb / 41P
Lighting Management Unit With High-Voltage Boost Converter With up to 150-mA Serial Flash LED Driver
More results

Similar Description - LP5526TLX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3958 NSC-LP3958 Datasheet
1Mb / 28P
Lighting Management Unit with High Voltage Boost Converter
logo
Unisonic Technologies
L5030 UTC-L5030 Datasheet
146Kb / 7P
BOOST-UP VOLTAGE CONVERTER FOR LED DRIVER
logo
Advanced Analogic Techn...
AAT2860 ANALOGICTECH-AAT2860 Datasheet
2Mb / 23P
Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
logo
Advanced Analog Technol...
AAT2861IMK-1-T1 AAT-AAT2861IMK-1-T1 Datasheet
3Mb / 27P
Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
2009.02.1.2
logo
Unisonic Technologies
L5030 UTC-L5030_11 Datasheet
198Kb / 6P
BOOST-UP VOLTAGE CONVERTER FOR LED DRIVER
logo
Texas Instruments
LP5526 TI1-LP5526 Datasheet
1Mb / 39P
Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
logo
Unisonic Technologies
L5030 UTC-L5030_15 Datasheet
187Kb / 6P
BOOST-UP VOLTAGE CONVERTER FOR LED DRIVER
logo
Texas Instruments
LM8502 TI1-LM8502_13 Datasheet
1Mb / 72P
Intelligent Lighting Management Unit That Fuses a 1.2A Dual High-Side Flash LED Driver
LP3958 TI1-LP3958 Datasheet
1Mb / 36P
Lighting Management Unit with High Voltage Boost Converter
LP5526 TI1-LP5526_15 Datasheet
1Mb / 41P
Lighting Management Unit With High-Voltage Boost Converter With up to 150-mA Serial Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com