Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD-4-B Datasheet(PDF) 1 Page - CUI Devices

Part # SD-4-B
Description  SD CARD CONNECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SD-4-B Datasheet(HTML) 1 Page - CUI Devices

  SD-4-B Datasheet HTML 1Page - CUI Devices SD-4-B Datasheet HTML 2Page - CUI Devices SD-4-B Datasheet HTML 3Page - CUI Devices SD-4-B Datasheet HTML 4Page - CUI Devices SD-4-B Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
date 10/24/2023
page 1 of 5
MODEL: SD-4-B | DESCRIPTION: SD CARD CONNECTOR
cuidevices.com
FEATURES
• SD card connector
• push in, pull out
• card detect switch
• gold flash
• surface mount
• UL94V-0
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
30
V
rated current
0.5
A
contact resistance1
100
mΩ
insulation resistance
at 500 Vdc, between adjacent circuits
1,000
MΩ
voltage withstand
for 1 minute, between adjacent circuits
100
Vac
insertion force
at a rate of 25 mm/min
10
N
withdrawal force
at a rate of 25 mm/min
0.5
N
life
5,000
cycles
operating temperature
-40
85
°C
flammability rating
UL94V-0
RoHS
yes
Note:
1. When measured at 20 mV / 100 mA.
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
reel storage
at relative humidity 40~70%
reel opened: use within 1 month
reel unopened: up to 15 month shelf life
16
22
28
°C
reflow soldering
see reflow profile
250
°C
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - SD-4-B

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SD-4-1 SYNERGY-SD-4-1 Datasheet
266Kb / 3P
4-WAY POWER DIVIDER
More results

Similar Description - SD-4-B

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SCDA ALPS-SCDA Datasheet
2Mb / 7P
Connector for SD Memory Card
logo
FCI connector
10067847-001RLF FCI-CONNECTOR-10067847-001RLF Datasheet
269Kb / 8P
SD CARD CONNECTOR
logo
List of Unclassifed Man...
412D02F-09PC003SV ETC2-412D02F-09PC003SV Datasheet
251Kb / 1P
SD Card Receptacle
SDSDAA-008G ETC2-SDSDAA-008G Datasheet
567Kb / 22P
SanDisk SD Card
logo
Red Lion Controls. Inc
NTCD-128 REDLION-NTCD-128 Datasheet
396Kb / 1P
SD Card
logo
Kyocera Kinseki Corpota...
5138 KSS-5138 Datasheet
413Kb / 2P
micro SD Card Connector
logo
Advantech Co., Ltd.
SQF-ISD ADVANTECH-SQF-ISD Datasheet
269Kb / 1P
Industrial SD Card
15-Jan-2014
logo
Wurth Elektronik GmbH &...
693071010811 WURTH-693071010811 Datasheet
507Kb / 8P
WR-CRD Micro SD Card Connector
001.002
693071020811 WURTH-693071020811 Datasheet
697Kb / 8P
WR-CRD Micro SD Card Connector
002.000
693071030811 WURTH-693071030811 Datasheet
583Kb / 8P
WR-CRD Micro SD Card Connector
001.005
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com