Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD-30BV Datasheet(PDF) 2 Page - CUI Devices

Part # SD-30BV
Description  STANDARD DIN CONNECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SD-30BV Datasheet(HTML) 2 Page - CUI Devices

  SD-30BV Datasheet HTML 1Page - CUI Devices SD-30BV Datasheet HTML 2Page - CUI Devices SD-30BV Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CUI DEVICES | SERIES: SD-BV | DESCRIPTION: STANDARD DIN CONNECTOR
date 08/05/2022 | page 2 of 3
cuidevices.com
MECHANICAL DRAWINGS
units: mm[inches]
TOLERANCE: ±0.5mm
MATERIAL
PLATING
contact terminals (1~8)
brass
tin
sleeve
PBS
tin
cover
iron sheet
nickel
mouth bushing
PBT-94V0 G15
0.70.03
11.0 0.43
11.8 0.46
0.10
0.55
14.0±0.2
2.60
7.0 0.28
(8 PLCS)
0.04
0.62
15.8
0.63
16.0
4.0 0.16
0.04
1.00
1.00
14.8±0.2
0.58
45°
1.40.06
(8 PLCS)
4.50
45°
0.18
11.0
0.43
PCB LAYOUT
FRONT VIEW
30°
0.08
66.5°
0.18
4.50
23.5°
11.0
0.43
2.0
1.40.06
(7 PLCS)
PCB LAYOUT
FRONT VIEW
45°
0.06
4.50
0.18
1.4
(6 PLCS)
11.0
0.43
45°
PCB LAYOUT
FRONT VIEW
1.40.06
(4 PLCS)
4.50
0.18
11.0
0.43
PCB LAYOUT
FRONT VIEW
45°
1.40.06
(9 PLCS)
0.18
4.50
1.30
45°
0.05
11.0
0.43
PCB LAYOUT
FRONT VIEW
SD-30BV
SD-60BV
SD-70BV
SD-80BV
SD-50BV
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com