Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD-SN Datasheet(PDF) 1 Page - CUI Devices

Part # SD-SN
Description  STANDARD DIN CONNECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SD-SN Datasheet(HTML) 1 Page - CUI Devices

  SD-SN Datasheet HTML 1Page - CUI Devices SD-SN Datasheet HTML 2Page - CUI Devices SD-SN Datasheet HTML 3Page - CUI Devices SD-SN Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 10/04/2023
page 1 of 4
SERIES: SD-SN | DESCRIPTION: STANDARD DIN CONNECTOR
cuidevices.com
FEATURES
• panel mount
• vertical
• shielded
RoHS
SD - XX SN
Base Number
PART NUMBER KEY
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
100
12
Vac
Vdc
rated input current
at 100 Vac
at 12 Vdc
1
2
A
A
contact resistance
SD-40SN & SD-60SN
all other models
20
30
mΩ
mΩ
insulation resistance
at 500 Vdc, SD-40SN
at 500 Vdc, all other models
300
100
MΩ
MΩ
voltage withstand
for 1 minute
1,000
Vac
insertion force
SD-40SN
all other models
6.5
4
kg
kg
withdrawal force
SD-40SN
all other models
1
1
5
3.5
kg
kg
operating temperature
5
70
°C
life
5,000
cycles
flammability rating
UL94V-0
RoHS
yes
Pin Options
30* = 3 pins
40* = 4 pins
50* = 5 pins
60* = 6 pins
70 = 7 pins
80* = 8 pins
Note: *. Discontinued SD-30SN, SD-40SN, SD-50SN, SD-60SN & SD-80SN
Additional Resources: Product Page | 3D Model


Similar Part No. - SD-SN

ManufacturerPart #DatasheetDescription
logo
CUI INC
SD-SN CUI-SD-SN Datasheet
436Kb / 4P
STANDARD DIN CONNECTOR
More results

Similar Description - SD-SN

ManufacturerPart #DatasheetDescription
logo
CUI INC
SD-70 CUI-SD-70 Datasheet
316Kb / 5P
STANDARD DIN CONNECTOR
SD CUI-SD Datasheet
322Kb / 5P
STANDARD DIN CONNECTOR
SD-30J CUI-SD-30J Datasheet
207Kb / 3P
STANDARD DIN CONNECTOR
SD-30SN CUI-SD-30SN Datasheet
216Kb / 4P
STANDARD DIN CONNECTOR
SDF-XXJ CUI-SDF-XXJ Datasheet
349Kb / 7P
STANDARD DIN CONNECTOR
SD-XXLP CUI-SD-XXLP Datasheet
189Kb / 3P
STANDARD DIN CONNECTOR
SD-XXLS CUI-SD-XXLS Datasheet
227Kb / 3P
STANDARD DIN CONNECTOR
SD-LS CUI-SD-LS Datasheet
335Kb / 3P
STANDARD DIN CONNECTOR
SDS-J CUI-SDS-J Datasheet
421Kb / 6P
STANDARD DIN CONNECTOR
logo
CUI Devices
SDS-J CUID-SDS-J Datasheet
522Kb / 6P
STANDARD DIN CONNECTOR
08/05/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com