Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFS20 Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFS20
Description  SOLID STATE RELAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFS20 Datasheet(HTML) 2 Page - Hongfa Technology

  HFS20 Datasheet HTML 1Page - Hongfa Technology HFS20 Datasheet HTML 2Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
jr
kmi
E\VN
}EGLK
K<ID@E8C
-LKGLK
K<ID@E8C
7<5C57E9C=DE=7 7FCG9D
lbdc
m bfc
kbRc
jbRc
|znmki
ztni|Q
qii
oii
mii
kii
i
ji
jiii
jii
jiii
i
}1
jiiii
1Atkn
uD9@<EK 1<DG<I8KLI<bc
igni
igkn
i
fki
fli
kn
qi
oi
mi
ki
i
jii
kgii
jgni
jgii
jgki
qn
+8Og *F8; wLII<EK
MJguD9@<EK 1<DG<I8KLI<
x@J:C8@D<I
1?@J ;8K8J?<<K @J =FI K?< :LJKFD<IJU I<=<I<E:<guCC K?< JG<:@=@:8K@FEJ 8I< JL9A<:K KF :?8E>< N@K?FLK EFK@:<g
4< :FLC; EFK <M8CL8K< 8CC K?< G<I=FID8E:< 8E; 8CC K?< G8I8D<K<IJ =FI <M<IP GFJJ@9C< 8GGC@:8K@FEg 1?LJ K?< LJ<I J?FLC; 9< @E 8 I@>?K GFJ@K@FE KF :?FFJ<
K?< JL@K89C< GIF;L:K =FI K?<@I FNE 8GGC@:8K@FEg}= K?<I< @J 8EP HL<IPe GC<8J< :FEK8:K |FE>=8 =FI K?< K<:?E@:8C J<IM@:<g|FN<M<Ie @K @J K?< LJ<IUJ I<JGFEJ@9@C@KP
KF ;<K<ID@E< N?@:? GIF;L:K J?FLC; 9< LJ<; FECPg
S 5@8D<E |FE>=8 yC<:KIF8:FLJK@: wFge *K;g uCC I@>?KJ F= |FE>=8 8I< I<J<IM<;g
7ZXYUSNW XVNLQKR LUMN -ECP =FI JG<:@8C I<HL@I<D<EKJe <g>g bnnnc JK8E;J =FI /F|0 :FDGC@8EK
bvFKKFD M@<Nc
yE<I>@Q@E> wFEK@EL8E:< 1@D<bDJc
+8Og .<ID@JJ@9C< ,FEfI<G<K@K@M<
.<8B 0LI>< wLII<EK MJgwFEK@EL8E:< 1@D<
/3s m KF o3 01s rgo KF jmgm3
12s jrgk KF kqgq3
|z0ki h
=TVZY [URYKPN OUWS
8s xw
AC89C=@; =@:AC?5E=A@
AFE>=@9 8=?9@D=A@D- H=C=@; 8=5;C5? 5@8 B7 6A5C8 >5IAFE
-LKC@E< x@D<EJ@FEJ
4@I@E> x@8>I8D
.wv *8PFLK
jk
u
x
jgk 7
>UKM LZWWNTY
0.1s jgku
JNWU LWUXX OZTLYQUT
J4 7<IF :IFJJ KLIEfFE
Bs /8E;FD KLIEfFE
12/s kmi3
>UKM [URYKPN
>UKM [URYKPN OUWS
5s uw
C7 QTXQMN
@4 4@K?FLK /w}EJ@;<
,
=TVZY [URYKPN
b555c
2E@Ks DD
@UYNX4 |z0ki @J 8E <EM@IFED<EK8C =I@<E;CP GIF;L:Ke GC<8J< D8IB JG<:@8C :F;< bnnnc N?<E FI;<Ig
kgnm
mf jgi
kiD8O
nD8O
jgjYigl
pgokYigl pgokYigl
kgnmYigl
igpYigjn
igmYigjn
jgqYigm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com