Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD7-2-B Datasheet(PDF) 3 Page - CUI Devices

Part # SD7-2-B
Description  SD 7.0 CARD CONNECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SD7-2-B Datasheet(HTML) 3 Page - CUI Devices

  SD7-2-B Datasheet HTML 1Page - CUI Devices SD7-2-B Datasheet HTML 2Page - CUI Devices SD7-2-B Datasheet HTML 3Page - CUI Devices SD7-2-B Datasheet HTML 4Page - CUI Devices SD7-2-B Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CUI DEVICES | MODEL: SD7-2-B | DESCRIPTION: SD 7.0 CARD CONNECTOR
date 10/26/2023 | page 3 of 5
cuidevices.com
Recommended PCB Layout
Top View
MECHANICAL DRAWING (CONTINUED)
units: mm
PCB tolerance: ±0.05 mm
PIN CONNECTIONS
CONNECTOR
PIN#
SD CARD
PIN#
SD MODE
PCLe MODE
SIGNAL
NAME
TYPE
DESCRIPTION
SIGNAL
NAME
TYPE
DESCRIPTION
P1
10
-
-
NOT USED
VSS3
S
SUPPLY VOLTAGE GROUND
P2
19
-
-
NOT USED
-
-
NOT USED
P3
9
DAT2
I/O/PP
DATA LINE (BIT 2)
CLKREQ#
I/O/OD
REFERENCE CLOCK REQUEST SIGNAL.
ALSO USED BY L1 PM SUB-STATES
P4
11
-
-
NOT USED
PCLe TX0+
IDS
PCLe TX0+
P5
1
CD/DAT3
I/O/PP
CARD DETECT/DATA LINE (BIT 3)
PERST#
I
PE-RESET IS A FUNCTIONAL RESET
P6
12
-
-
NOT USED
PCLe TX0-
IDS
PCLe TX0-
P7
2
CMD
PP
COMMAND/RESPONSE
CD
-
CARD DETECT SWITCH
P8
CD
CD
-
CARD DETECT SWITCH
VSS1
S
SUPPLY VOLTAGE GROUND
P9
3
VSS1
S
SUPPLY VOLTAGE GROUND
VSS4
S
SUPPLY VOLTAGE GROUND
P10
13
-
-
NOT USED
VDD2
S
SUPPLY VOLTAGE (1.8 V)
P11
14
-
-
NOT USED
VDD1
S
SUPPLY VOLTAGE (3.3 V)
P12
4
VDD
S
SUPPLY VOLTAGE
PCLe RX-
ODS
PCLe RX-
P13
15
-
-
NOT USED
-
-
NOT USED
P14
5
CLK
I
CLOCK
PCLe RX-
ODS
PCLe RX-
P15
16
-
-
NOT USED
VSS2
S
SUPPLY VOLTAGE GROUND
P16
6
VSS2
S
SUPPLY VOLTAGE GROUND
VSS5
S
SUPPLY VOLTAGE GROUND
P17
17
-
-
NOT USED
REFCLK+
IDS
PCLE REF CLOCK
P18
7
DAT0
I/O/PP
DATA LINE (BIT 0)
RCLK-
I
RCLK-
P19
18
-
-
NOT USED
VDD3
S
SUPPLY VOLTAGE (1.2 V)
P20
8
DAT1
I/O/PP
DATA LINE (BIT 1)
RCLK+
I
RCLK+
P21
WP
WP
-
WRITE PROTECT
WP
-
WRITE PROTECT
GND
-
-
-
COVER GROUND
-
-
COVER GROUND
CARD STATUS
WITHOUT CARD
CARD INSERTED
P8
P9
P8
P9
WRITE PROTECTION
WRITE
PROTECTED
WRITE ENABLE
P21
GND P21
GND
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com