Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFS21 Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFS21
Description  THREE-PHASE MOTOR CONTROL MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFS21 Datasheet(HTML) 1 Page - Hongfa Technology

  HFS21 Datasheet HTML 1Page - Hongfa Technology HFS21 Datasheet HTML 2Page - Hongfa Technology HFS21 Datasheet HTML 3Page - Hongfa Technology HFS21 Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4333I ,Vi 833QBA-
7333Q?A/83Fo293Fo/4b^c
63
5339 MZk1 4133
L]did ^hdaVi^dc
HCB hiVijh ^cY^XVi^dc
7333Q Y^ZaZXig^X higZc\i]
oZgd Xgdhh
@j^ai0^c hcjWWZg
I^c1 hl^iX] i^bZ [dg [dglVgY VcY gZkZghZ
deZgVi^dc= 633rh,jhZg d[[Zg-
LVcZa bdjci
MdFN Xdbea^Vci
45B
57B
45B
57B
45B
57B
45B
57B
7; id 773Q?A
>4<11z:4.=1 79>9< /98><96 790?61
O]Z FDN54 bdidg Xdcigda bdYjaZ ^hV heZX^Va edlZg Xdcigda
bdYjaZ dcan jh^c\ [dg i]gZZ e]VhZ bdidg [dglVgY VcY gZkZghZ
deZgVi^dc1 Gi XdciV^chad\^X ^ciZgadX` X^gXj^i VcY YZaVn ijgc0dc
X^gXj^i1 Nd l]Zc ^i jhZY [dg bdidg [dglVgY VcY gZkZghZ hl^iX]^c\
deZgVi^dc/ ^i XVc Vkd^Y YZhigjXi^dc Wn lgdc\ deZgVi^dch dg
YZhigjXi^dc XVjhZY Wn ig^VX cdi WZ^c\ h]ji d[[ ^bbZY^ViZan
l]Zc Zchjg^c\ i]Vi hl^iX] i^bZ ^h bdgZ i]Vc 633rh/VcY hd
i]Vi ^i XVc egdiZXi djg edlZg hjeean hnhiZb/bdidg VcY i]Z
bdYjaZ ^ihZa[1 Gc i]Z bZVci^bZ/ i]Z bdYjaZ ^cXajYZh i]gZZ
^ciZgcVa hcjWWZgh/ hd l]Zc ^i eji ^cid jhZ/ i]Z gZa^VW^a^in d[ ^ihZa[
ldjaY WZ ^begdkZY 1
O]Z bdYjaZ d[[Zg 45QBA dg 57QBA ^ceji Xdcigda/ l^i] djiejih
gViZY Vi 43/48/ 58 dg 73 ?beh1 O]Z bdYjaZh ^cXajYZ V YdjWaZ
Xdadg HCB ^cY^XVidg id egdk^YZ bdidg gjcc^c\ hiVijh ^c[dgbVi^dc1
O]Z bdYjaZhVgZ l^YZan jhZY [dg bdidg Xdcigda ^c i]Z bdYZgc
^cYjhig^Va Veea^XVi^dc1
Adcigda kdaiV\Z
Ijhi deZgViZ kdaiV\Z
Ijhi gZaZVhZ kdaiV\Z
IVm1 ^ceji XjggZci
IVm1 gZkZghZ
egdiZXi^dc kdaiV\Z
I^c1 hl^iX] i^bZ [dg
bdidg [dglVgY VcY
gZkZghZ deZgVi^dc
9?>:?> ,O?>58 -
HdVY kdaiV\Z gVc\Z
HdVY XjggZci gVc\Z
OgVch^Zci dkZgkdaiV\Z
IVm1 hjg\Z XjggZci
IVm1 dc0hiViZ kdaiV\Z Ygde
I^c1 adVY XjggZci
IVm1 aZV`V\Z XjggZci
I^c1 d[[0hiViZ Yk2Yi
BZaVn ijgc0dc i^bZ
IVm1 ijgc0d[[ i^bZ
3181<.6 ,O?>58 -
B^ZaZXig^X higZc\i] ,^ceji id djieji-
GchjaVi^dc gZh^hiVcXZ
?bW^Zci
iZbeZgVijgZ
KeZgVi^c\
NidgV\Z
?bW^Zci ]jb^Y^in
OZgb^cVi^dc
Idjci^c\ bdYZa
Pc^i lZ^\]i
KeZgVi^c\ hiVijh ^cY^XVi^dc
01=/<5:>598
2GCRSPGQ
,43bh-
063 p;3
063 p 433
78+ p ;8+ MF
NXgZl
LVcZa bdjci
?eegdm1 668\
45QBA
57QBA
<19QBA
4<15QBA
6QBA
43QBA
68b?
W45QBA
W57QBA
633rh,PhZg d[[Zg-
6;3?43U= 43?
6;3?48U= 48?
6;3?58U= 58?
6;3?73U= 73?
42=}|w42+*}|x
Y
Y
Y
Y
Y
Y
Y
Y
58:?> ,O?>58 -
FKJED? MCH?T
GNK<334XGNK2ON49<7< XGNK47334 XKFN?N4;334 ACMOGDGCB
533: MZk1 4133
;33Qe`
418Qgbh
433b?
8b?
533Q2rh
53 id ;3bh
425XnXaZ . 4bh,dc gZfjZhi-
6;3?43U= 433?e`
6;3?48U= 483 ?e`
6;3?58U= 583 ?e`
6;3?73U= 733 ?e`
DdglVgY= \gZZc
MZkZghZ= gZY


Similar Part No. - HFS21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFS2 ETC2-HFS2 Datasheet
56Kb / 3P
MOS RELAY
HFS2/A210DN ETC2-HFS2/A210DN Datasheet
56Kb / 3P
MOS RELAY
HFS2/A210SN ETC2-HFS2/A210SN Datasheet
56Kb / 3P
MOS RELAY
HFS2/A211DN ETC2-HFS2/A211DN Datasheet
56Kb / 3P
MOS RELAY
HFS2/A211SN ETC2-HFS2/A211SN Datasheet
56Kb / 3P
MOS RELAY
More results

Similar Description - HFS21

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6234 STMICROELECTRONICS-L6234 Datasheet
116Kb / 10P
THREE PHASE MOTOR DRIVER
Mar-1998
logo
Hitachi Semiconductor
HA13532NT HITACHI-HA13532NT Datasheet
68Kb / 16P
Three-Phase Stepping Motor Control IC
logo
New Japan Radio
NJW4302 NJRC-NJW4302 Datasheet
209Kb / 18P
THREE-PHASE DC BRUSHLESS MOTOR CONTROL IC
logo
STMicroelectronics
L634 STMICROELECTRONICS-L634 Datasheet
469Kb / 10P
THREE PHASE MOTOR DRIVER
Aug-2003
AN1905 STMICROELECTRONICS-AN1905 Datasheet
1Mb / 77P
ST7MC THREE-PHASE BLDC MOTOR CONTROL SOFTWARE LIBRARY
12-Jul-2007
logo
Sanyo Semicon Device
LV8104V SANYO-LV8104V Datasheet
415Kb / 19P
For Variable Speed Control Three-Phase Brushless Motor Predriver
logo
STMicroelectronics
UM0723 STMICROELECTRONICS-UM0723 Datasheet
826Kb / 48P
1 kW three-phase motor control demonstration board
28-Jun-2011
AN1904 STMICROELECTRONICS-AN1904 Datasheet
1Mb / 102P
ST7MC three-phase AC induction motor control software library
10-Jul-2007
logo
Rohm
BD16805FV-M ROHM-BD16805FV-M Datasheet
1Mb / 20P
Three Phase Motor Predriver
logo
STMicroelectronics
L6234 STMICROELECTRONICS-L6234_V01 Datasheet
494Kb / 16P
Three phase motor driver
15-Nov-2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com