Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF520VPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF520VPBF
Description  HEXFET짰 Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF520VPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF520VPBF Datasheet HTML 1Page - International Rectifier IRF520VPBF Datasheet HTML 2Page - International Rectifier IRF520VPBF Datasheet HTML 3Page - International Rectifier IRF520VPBF Datasheet HTML 4Page - International Rectifier IRF520VPBF Datasheet HTML 5Page - International Rectifier IRF520VPBF Datasheet HTML 6Page - International Rectifier IRF520VPBF Datasheet HTML 7Page - International Rectifier IRF520VPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRF520VPbF
HEXFET® Power MOSFET
11/5/03
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.4
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
www.irf.com
1
VDSS = 100V
RDS(on) = 0.165Ω
ID = 9.6A
S
D
G
TO-220AB
Advanced HEXFET® Power MOSFETs from International
Rectifier utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 watts. The low thermal
resistance and low package cost of the TO-220 contribute
to its wide acceptance throughout the industry.
Advanced Process Technology
Ultra Low On-Resistance
Dynamic dv/dt Rating
175°C Operating Temperature
Fast Switching
Fully Avalanche Rated
Optimized for SMPS Applications
Description
PD - 94819
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
9.6
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
6.8
A
IDM
Pulsed Drain Current
37
PD @TC = 25°C
Power Dissipation
44
W
Linear Derating Factor
0.29
W/°C
VGS
Gate-to-Source Voltage
± 20
V
IAR
Avalanche Current
9.2
A
EAR
Repetitive Avalanche Energy
4.4
mJ
dv/dt
Peak Diode Recovery dv/dt
7.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
Lead-Free


Similar Part No. - IRF520VPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF520V IRF-IRF520V Datasheet
200Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRF520VL IRF-IRF520VL Datasheet
129Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRF520VLPBF IRF-IRF520VLPBF Datasheet
225Kb / 11P
HEXFET Power MOSFET
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRF520VSPBF IRF-IRF520VSPBF Datasheet
225Kb / 11P
HEXFET Power MOSFET
More results

Similar Description - IRF520VPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
HEXFET짰 Power MOSFET
IRF9510PBF IRF-IRF9510PBF Datasheet
1Mb / 8P
HEXFET짰 Power MOSFET
IRF820PBF IRF-IRF820PBF Datasheet
3Mb / 7P
HEXFET짰 Power MOSFET
IRF520NPBF IRF-IRF520NPBF Datasheet
178Kb / 9P
HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com