Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFS40 Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFS40
Description  SOLID STATE RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFS40 Datasheet(HTML) 2 Page - Hongfa Technology

  HFS40 Datasheet HTML 1Page - Hongfa Technology HFS40 Datasheet HTML 2Page - Hongfa Technology HFS40 Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JeWZ fem[h
ikffbo
0
9 2
6
Idfkj
lebjW][
8
0
7
Mkjfkj
Idfkj
2
JeWZ
D
8=
/SQRNLGP QOGEJDK ENFG Mdbo \eh if[Y_Wb h[gk_h[c[dji1 [3]3 .:::/ ijWdZi \eh OeHP Yecfb_Wdj
.Bejjec l_[m/
53:
7>37cWn3
6
6837cWn3
75
83:
72
60
8 W
9X
:<01<593 592:<8->5:9
:?>7591 05819=5:9=z A5<593 05-3<-8 -90 ;/ .:-<0 7-C:?>
Mkjb_d[ D_c[di_edi
T_h_d] D_W]hWc
NCB JWoekj
|+? 9 je ;S
}~? >3; je6939S
~*? 6>37 je 7=3=S
HFP95 4
5:
J
:5
~? 7A
+|? :5S
}||? 655S
7 Q2
0?DC
>UOG
5MOSR TNKRDIG
7NDF TNKRDIG HNPL
7NDF ESPPGMR
7NDF TNKRDIG
:SROSR ENLONMGMR
>? QhWdi_ijeh ekjfkj
710 JMFJEDRNP
7? T_j^ JED
5MOSR TNKRDIG HNPL
0?DC
D2
.UUU/
Rd_j? cc
9NRGQ, HFP95 _i Wd [dl_hedc[djWb \h_[dZbo fheZkYj1 fb[Wi[ cWha if[Y_Wb YeZ[ .:::/ m^[d ehZ[h3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com