Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFS41 Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFS41
Description  SOLID STATE RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFS41 Datasheet(HTML) 1 Page - Hongfa Technology

  HFS41 Datasheet HTML 1Page - Hongfa Technology HFS41 Datasheet HTML 2Page - Hongfa Technology HFS41 Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GMLFE@ PDJ@W
TaZjYlagf j]kaklYf[]
Ca]d][lja[ klj]f_l` ,afhml0gmlhml-
HfkmdYlagf j]kaklYf[]
4333K ,Yl 833TCB-
Qgd\]jaf_ emkl Z] [gehd]l]\ oal`af 43 k][gf\k Yl 593
gj d]kk gj oal`af 8 k][gf\k Yl 683 gj d]kk1
R`] QQP [Yk] k]jn]k lg \akkahYl] `]Yl1 HfklYdd l`] j]dYqk
kg l`Yl l`]q Yj] Y\]imYl]dq n]fladYl]\1 H^ hggj n]fladYlagf ak
mfYnga\YZd]/ j]\m[] l`] dgY\ [mjj]fl Zq `Yd^1
R`] afhml [aj[maljq \g]k fgl af[gjhgjYl] Y [aj[mal hjgl][laf_
l`] QQP ^jge Z]af_ \YeY_]\ \m] lg Y j]n]jk]\ [gff][lagf1
KYc] kmj] l`Yl l`] hgdYjalq ak [gjj][l o`]f [gff][laf_ l`]
afhml daf]k1
U`]f mkaf_ l`] GEQ74 k]ja]k ^gj Yf @B dgY\ oal` Y h]Yc
ngdlY_] g^ egj] l`Yf l`] jYl]\/ [gff][l l`] dgY\ l]jeafYdk
g^ l`] j]dYq lg Yf afjmk` YZkgjZ]j ,nYjaklgj-1 Egj 553T@B
l`] j][gee]f\]\ nYjaklgj ngdlY_] ak 7:3T> Egj 6;3T@B/
l`] j][gee]f\]\ nYjaklgj ngdlY_] ak :83T1
>?420BA8=<@
5LHWXULV
;33Thc
,Yl 6;3T@B jYl]\ ngdlY_]-
43 lg 88Gr 418ee C@
@eZa]fl gh]jYlaf_ l]eh]jYlmj] jYf_]
@eZa]fl klgjY_] l]eh]jYlmj] jYf_]
@eZa]fl `mea\alq
Sfal o]a_`l
7333T@B/
83293Gr 4eaf
GEQ74 haf0gml ak [gehYlaZd] oal` klYf\Yj\ M@B lqh] H2M eg\md]k/
Yf\ Ydd eg\]dk Yj] YnYadYZd] oal` jYf\ge lmjf0gf Yk Yf Ydl]jfYlan]
lg r]jg0[jgkk lmjf0gf1R`] GEQ74 QQP jYf_] g^^]jk Y [`ga[] g^
573T@B/ 6;3T@B/ 7;3T@B n]jkagfk1 Hfhml TgdlY_] kh][a^a[Ylagfk
`Yn] 6 lg 48TCB Yf\ 48 lg 65TCB1 @dd eg\]dk ]p[]hl l`]
7;3T@B lqh] af[dm\] Yf afl]jfYd kfmZZ]j1
34@2?8>A8=<
6:
41
51
61
71
HQM<334]HQM2RQ49<7< ]HQM47334]MGQ@Q4;334 BDPRHEHDC
533: P]n1 4143
Ead] Lg1= BOB363343398;4
Ead] Lg= D4667;4
X]jg0[jgkk
PYf\ge
933Thc
,Yl 573T@B jYl]\ ngdlY_]-
JgY\ ngdlY_] jYf_]
4533Thc
,Yl 7;3T@B jYl]\ ngdlY_]-
533T2tk
318
Ead] Lg1= I83394738
Kmkl j]d]Yk] ngdlY_]
063 lg ;3
063 lg 433
78+ lg ;8+ PG
@hhjgp1 48_
6 lg 48TCB
48 lg 65TCB
6TCB
48TCB
413TCB
73e@
53e@
8<>BA ,R@?58 -
4C
5C
4C
5C
4C
5C
64<4?0: ,R@?58 -
75@,~y96E|,~5z
@=:83 @A0A4 ?4:0F
Hfhml= CB [gfljgd
CgmZd] QBP @B gmlhml gj RPH@B @B gmlhml
7333T \a]d][lja[ klj]f_l`
Njafl]\ [aj[mal ZgYj\ egmfl
PgGQ [gehdaYfl
=BA>BA ,R@?58 -
7; lg 5;3T@B
,573T@B jYl]\ ngdlY_]-
7; lg 773T@B
,6;3T@B jYl]\ ngdlY_]-
7; lg 863T@B
,7;3T@B jYl]\ ngdlY_]-
314 lg 8@
JgY\ [mjj]fl jYf_]
KYp1kmj_] [mjj]fl ,43ek-
KYp1g^^0klYl] d]YcY_]
[mjj]fl
KYp1gf0klYl] ngdlY_] \jgh
RjaY[ gmlhml=43 lae]k g^ jYl]\ [mjj]fl
QBP gmlhml= 583@hc
418e@
418Tjek
425 [q[d] . 4ek
4ek
425 [q[d] . 4ek
KYp1 lmjf0gf
lae]
KYp1 lmjf0g^^ lae]
KYp1 ljYfka]fl
gn]jngdlY_]
_
_
_
_
_
Kaf1 g^^0klYl] \n2\l
Kaf1 hgo]j ^Y[lgj
Hfhml ngdlY_]
Kmkl gh]jYl] ngdlY_]
KYp1 Hfhml [mjj]fl


Similar Part No. - HFS41

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFS412D0M HONGFA-HFS412D0M Datasheet
76Kb / 3P
SOLID STATE RELAY
HFS412D0T HONGFA-HFS412D0T Datasheet
76Kb / 3P
SOLID STATE RELAY
HFS412D1M HONGFA-HFS412D1M Datasheet
76Kb / 3P
SOLID STATE RELAY
HFS412D1T HONGFA-HFS412D1T Datasheet
76Kb / 3P
SOLID STATE RELAY
More results

Similar Description - HFS41

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
Solid State Relay
06-March-02
logo
COSMO Electronics Corp...
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
KSD205AC3 COSMO-KSD205AC3 Datasheet
197Kb / 2P
SOLID STATE RELAY
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
Solid State Relay
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com