Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFS27 Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFS27
Description  SOLID STATE RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFS27 Datasheet(HTML) 1 Page - Hongfa Technology

  HFS27 Datasheet HTML 1Page - Hongfa Technology HFS27 Datasheet HTML 2Page - Hongfa Technology HFS27 Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
64
sB083B5O
7 id 83QBA
6 id 93QBA
99Qe`
sB0433B5O
7 id 433QBA
6 id 433QBA
443Qe`
314 id 5?
;?e`
418Qgbh
314b?
318bh
4bh
.A>KLIAJ
D^aZ Jd1=C4677;4
D^aZ Jd1=M833;:9<7
MViZY ^ceji kdaiV\Z
Adcigda kdaiV\Z gVc\Z
Ijhi deZgViZ kdaiV\Z
Gceji XjggZci
Gceji gZh^hiVcXZ
5:96:9 ,O?>58 -
MZXdbbZcYZY hdaYZg^c\
iZbeZgVijgZ
FDN5: ^h V NLNO0JK eg^ciZY X^gXj^i bdjci NGL/ BA djieji NNM1
O]Z FDN5: BA NNMgVc\Z d[[Zgh V X]d^XZ d[ 83QBA/433QBA
kZgh^dch1 Gceji kdaiV\Z heZX^[^XVi^dch ]VkZ 8QBA/ 45QBA VcY
57QBA1 O]Vc`h id ZmXZaaZci higjXijgZ YZh^\c^c\/ ^i ]Vh 5? adVY
XjggZci jcYZg eddg kZci^aVi^dc1
7 id 9QBA
<19 id 4717QBA
4<15 id 5;1;QBA
38B
45B
57B
38B
45B
57B
,-8+7169154
38B
45B
57B
38B
45B
57B
38B
45B
57B
7QBA
<19QBA
4<15QBA
4QBA
53b?
53b?
49b?
633
;33
5333
8QBA
45QBA
57QBA
5833Q?A/ 83293Fo/ 4b^c
4333I ,Vi 833QBA-
;eD
?XXZaZgVi^dc= 4333b2h5/
Xdci^cjdjh hjg\Z= 44bh
43 id 88Fo 418 bb B?
78+ id ;8+ MF
063 id ;8
063 id 433
?eegdm1 53\
/-4-7~2 ,O?>58 -
B^ZaZXig^X higZc\i] ,^ceji id djieji-
GchjaVi^dc gZh^hiVcXZ ,^ceji id djieji-
IVm1 XVeVX^iVcXZ ,^ceji id djieji-
Q^WgVi^dc gZh^hiVcXZ
?bW^Zci ]jb^Y^in
KeZgVi^c\ iZbeZgVijgZ
NidgV\Z iZbeZgVijgZ
Pc^i lZ^\]i
OneZ
MViZY adVY kdaiV\Z
HdVY kdaiV\Z gVc\Z
IVm1 igVch^Zci dkZgkdaiV\Z
HdVY XjggZci
IVm1 hjg\Z XjggZci ,43bh-
IVm1 djieji dc kdaiV\Z Ygde
IVm1 djieji dc aZV`V\Z XjggZci
IVm1 ijgc0dc i^bZ
IVm1 ijgc0d[[ i^bZ
S @^edaVi igVch^hidg djieji
S L]did ^hdaVi^dc
S 5833Q Y^ZaZXig^X higZc\i]
S N^c\aZ ^c0a^cZ LA@ eVX`V\Z
S MdFN Xdbea^Vci
0.8y|,BA ineZ-
8521, 89~9- 7-2~=
Ijhi gZaZVhZ kdaiV\Z
146:9 ,O?>58 -
593 / 43h dg 683 /8h
N]dX` gZh^hiVcXZ
FKJED? MCH?T
GNK<334QGNK2ON49<7< QGNK47334 QKFN?N4;334 ACMOGDGCB
533: MZk1 4133


Similar Part No. - HFS27

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFS2 ETC2-HFS2 Datasheet
56Kb / 3P
MOS RELAY
HFS2/A210DN ETC2-HFS2/A210DN Datasheet
56Kb / 3P
MOS RELAY
HFS2/A210SN ETC2-HFS2/A210SN Datasheet
56Kb / 3P
MOS RELAY
HFS2/A211DN ETC2-HFS2/A211DN Datasheet
56Kb / 3P
MOS RELAY
HFS2/A211SN ETC2-HFS2/A211SN Datasheet
56Kb / 3P
MOS RELAY
More results

Similar Description - HFS27

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
Solid State Relay
06-March-02
logo
COSMO Electronics Corp...
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
KSD205AC3 COSMO-KSD205AC3 Datasheet
197Kb / 2P
SOLID STATE RELAY
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com