Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5AX-PRR Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # E5AX-PRR
Description  Temperature Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AX-PRR Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button E5AX-PRR Datasheet HTML 6Page - Omron Electronics LLC E5AX-PRR Datasheet HTML 7Page - Omron Electronics LLC E5AX-PRR Datasheet HTML 8Page - Omron Electronics LLC E5AX-PRR Datasheet HTML 9Page - Omron Electronics LLC E5AX-PRR Datasheet HTML 10Page - Omron Electronics LLC E5AX-PRR Datasheet HTML 11Page - Omron Electronics LLC E5AX-PRR Datasheet HTML 12Page - Omron Electronics LLC E5AX-PRR Datasheet HTML 13Page - Omron Electronics LLC E5AX-PRR Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
E5AX-P
E5AX-P
13
Precautions
Mounting
The dimensions of the Temperature Controller conform to DIN
43700. Recommended panel thickness is 1 to 8 mm.
Do not install the Temperature Controller in a location exposed to
excessive dust or corrosive gases. Moreover, avoid locations sub-
ject to heavy vibration or shock, water or oil spray, or high tempera-
tures. Any of these condition will affect product life.
Isolate the Temperature Controller from equipment that generates
strong, high-frequency noises such as high-frequency welders, be-
cause such equipment may prevent proper operation.
Attach the two mounting brackets supplied with E5AX on the top
and bottom of the Temperature Controller. Tighten the screws of the
mounting brackets with your fingers.
Mounting bracket
Connection Examples
With Solderless Terminal
Use M3.5 solderless terminals with the Temperature Controller’s
M3.5 self-rising pressure plate screws.
Solder-dipped Leads
Strip 6 to 12 mm of the lead wires and carefully arrange the wire tips.
Do not tighten the terminal screw with excessive force, because do-
ing so may damage them. The terminal block of the Temperature
Controller is constructed so that the lead wires can be connected to
all the terminals from the same direction.
Top
Bottom
Input Connection
To reduce inductive noise influence, the lead wires connecting the
input to the Temperature Controller must be separated from the
power lines and load lines.
Use the specified compensating conductors for thermocouples.
When using a thermocouple as the temperature sensor, attach the
short-circuit bar shown in the terminal block diagram on the hous-
ing. Use lead wires having a small resistance for temperature resis-
tance thermometers.
Be sure to remove the short-circuit bar from the terminals when a
temperature resistance thermometer is used.
Sequenced Circuits
Several seconds are required until the relay in turned ON after pow-
er has been supplied to the Temperature Controller. Therefore, take
this time delay into consideration when designing sequenced cir-
cuits which incorporate a Temperature Controller.
Stickers Inside Frontcover
Stickers indicating the temperature sensor type (R, S, K, J, T, E, L,
and U) are supplied with the Temperature Controller. Attach the
proper stickers to the front panel as shown below.
Sticker identifying input type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com