Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8083 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8083
Description  Satellite Demodulator and Decoder SDD3
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8083 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8083 Datasheet HTML 4Page - NXP Semiconductors TDA8083 Datasheet HTML 5Page - NXP Semiconductors TDA8083 Datasheet HTML 6Page - NXP Semiconductors TDA8083 Datasheet HTML 7Page - NXP Semiconductors TDA8083 Datasheet HTML 8Page - NXP Semiconductors TDA8083 Datasheet HTML 9Page - NXP Semiconductors TDA8083 Datasheet HTML 10Page - NXP Semiconductors TDA8083 Datasheet HTML 11Page - NXP Semiconductors TDA8083 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1999 Jul 28
8
Philips Semiconductors
Product specification
Satellite Demodulator and Decoder
(SDD3)
TDA8083
Note
1. This pin is 5 V tolerant.
Vref(I)
82
O
AGC decoupling output (I path)
VDDA
83
−
analog supply voltage
VDD(XTAL)
84
−
supply voltage for crystal oscillator
XTALI
85
I
crystal oscillator input
XTALO
86
O
crystal oscillator output
VSS(XTAL)
87
−
ground for crystal oscillator
VDDD12
88
−
digital supply voltage 12 (core and input periphery)
VDDD13
89
−
digital supply voltage 13 (core and input periphery)
VSSD14
90
−
digital ground 14 (core and input periphery)
DISCTRL
91
O
22 or 44 kHz output for dish control applications
VSSD15
92
−
digital ground 15 (output periphery)
VSSD16
93
−
digital ground 16 (core and input periphery)
AGC
94
O
tuner AGC output; note 1
n.c.
95
−
not connected
VDDD14
96
−
digital supply voltage 14 (output periphery)
VDDD15
97
−
digital supply voltage 15 (core and input periphery)
OUTSD
98
O
sigma delta output; note 1
I0
99
I
digital I-input bit 0 (ADC bypass; LSB); note 1
I1
100
I
digital I-input bit 1 (ADC bypass); note 1
SYMBOL
PIN
I/O
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com