Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23016-I/ML Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP23016-I/ML
Description  16-Bit I2C??I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23016-I/ML Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP23016-I/ML Datasheet HTML 15Page - Microchip Technology MCP23016-I/ML Datasheet HTML 16Page - Microchip Technology MCP23016-I/ML Datasheet HTML 17Page - Microchip Technology MCP23016-I/ML Datasheet HTML 18Page - Microchip Technology MCP23016-I/ML Datasheet HTML 19Page - Microchip Technology MCP23016-I/ML Datasheet HTML 20Page - Microchip Technology MCP23016-I/ML Datasheet HTML 21Page - Microchip Technology MCP23016-I/ML Datasheet HTML 22Page - Microchip Technology MCP23016-I/ML Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
© 2007 Microchip Technology Inc.
DS20090C-page 19
MCP23016
2.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Ambient temperature under bias................................................................................................................ -55 to +125°C
Storage temperature .............................................................................................................................. -65°C to +150°C
Voltage on any pin with respect to VSS ......................................................................................... -0.3V to (VDD + 0.3V)
Voltage on VDD with respect to VSS ......................................................................................................... -0.3V to +6.5V
Total power dissipation (Note 1) ............................................................................................................................ 1.0 W
Maximum current out of VSS pin .......................................................................................................................... 300 mA
Maximum current into VDD pin ............................................................................................................................. 250 mA
Input clamp current, IIK (VI < 0, or VI > VDD) .......................................................................................................
± 20 mA
Output clamp current, IOK (VO < 0, or VO > VDD) ................................................................................................
± 20 mA
Maximum output current sunk by any I/O pin......................................................................................................... 25 mA
Maximum output current sourced by any I/O pin ................................................................................................... 25 mA
Maximum current sunk by combined PORTS ...................................................................................................... 200 mA
Maximum current sourced by combined PORTS ................................................................................................ 200 mA
Note 1: Power dissipation is calculated as follows:
Pdis = VDD x {IDD -
∑ IOH} + ∑ {(VDD-VOH) x IOH} + ∑(VOl x IOL)
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com