Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC21T-/P Datasheet(PDF) 13 Page - Microchip Technology

Part # 24LC21T-/P
Description  1K 2.5V Dual Mode I2C Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC21T-/P Datasheet(HTML) 13 Page - Microchip Technology

Back Button 24LC21T-/P Datasheet HTML 9Page - Microchip Technology 24LC21T-/P Datasheet HTML 10Page - Microchip Technology 24LC21T-/P Datasheet HTML 11Page - Microchip Technology 24LC21T-/P Datasheet HTML 12Page - Microchip Technology 24LC21T-/P Datasheet HTML 13Page - Microchip Technology 24LC21T-/P Datasheet HTML 14Page - Microchip Technology 24LC21T-/P Datasheet HTML 15Page - Microchip Technology 24LC21T-/P Datasheet HTML 16Page - Microchip Technology 24LC21T-/P Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
 2004 Microchip Technology Inc.
DS21095J-page 13
24LC21
8.0
PIN DESCRIPTIONS
TABLE 8-1:
PIN FUNCTION TABLE
8.1
SDA
This pin is used to transfer addresses and data into and
out of the device, when the device is in the Bidirectional
mode. In the Transmit-only mode, which only allows
data to be read from the device, data is also transferred
on the SDA pin. This pin is an open drain terminal,
therefore the SDA bus requires a pull-up resistor to
VCC (typical 10K
Ω for 100 kHz, 2KΩ for 400 kHz).
For normal data transfer in the Bidirectional mode, SDA
is allowed to change only during SCL low. Changes
during SCL high are reserved for indicating the Start
and Stop conditions.
8.2
SCL
This pin is the clock input for the Bidirectional mode,
and is used to synchronize data transfer to and from the
device. It is also used as the signaling input to switch
the device from the Transmit-only mode to the
Bidirectional mode. It must remain high for the chip to
continue operation in the Transmit-only mode.
8.3
VCLK
This pin is the clock input for the Transmit-only mode.
In the Transmit-only mode, each bit is clocked out on
the rising edge of this signal. In the Bidirectional mode,
a high logic level is required on this pin to enable write
capability.
Name
Function
VSS
Ground
SDA
Serial Address/Data I/O
SCL
Serial Clock (Bidirectional mode)
VCLK
Serial Clock (Transmit-only mode)
VCC
+2.5V to 5.5V Power Supply
NC
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com