Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC21-/P Datasheet(PDF) 11 Page - Microchip Technology

Part # 24LC21-/P
Description  1K 2.5V Dual Mode I2C Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC21-/P Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24LC21-/P Datasheet HTML 7Page - Microchip Technology 24LC21-/P Datasheet HTML 8Page - Microchip Technology 24LC21-/P Datasheet HTML 9Page - Microchip Technology 24LC21-/P Datasheet HTML 10Page - Microchip Technology 24LC21-/P Datasheet HTML 11Page - Microchip Technology 24LC21-/P Datasheet HTML 12Page - Microchip Technology 24LC21-/P Datasheet HTML 13Page - Microchip Technology 24LC21-/P Datasheet HTML 14Page - Microchip Technology 24LC21-/P Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
 2004 Microchip Technology Inc.
DS21095J-page 11
24LC21
7.0
READ OPERATION
Read operations are initiated in the same way as write
operations with the exception that the R/W bit of the
slave address is set to ‘1’. There are three basic types
of read operations: current address read, random read
and sequential read.
7.1
Current Address Read
The 24LC21 contains an address counter that
maintains the address of the last word accessed, inter-
nally incremented by one. Therefore, if the previous
access (either a read or write operation) was to
address n, the next current address read operation
would access data from address n + 1. Upon receipt of
the slave address with R/W bit set to ‘1’, the 24LC21
issues an acknowledge and transmits the eight bit data
word. The master will not acknowledge the transfer but
does generate a Stop condition and the 24LC21
discontinues transmission (Figure 7-1).
7.2
Random Read
Random read operations allow the master to access
any memory location in a random manner. To perform
this type of read operation, first the word address must
be set. This is done by sending the word address to the
24LC21 as part of a write operation. After the word
address is sent, the master generates a Start condition
following the acknowledge. This terminates the write
operation, but not before the internal address pointer is
set. Then the master issues the control byte again but
with the R/W bit set to a ‘1’. The 24LC21 will then issue
an acknowledge and transmits the eight bit data word.
The master will not acknowledge the transfer but does
generate
a
Stop
condition
and
the
24LC21
discontinues transmission (Figure 7-2).
7.3
Sequential Read
Sequential reads are initiated in the same way as a
random read except that after the 24LC21 transmits the
first data byte, the master issues an acknowledge as
opposed to a Stop condition in a random read. This
directs the 24LC21 to transmit the next sequentially
addressed 8-bit word (see Figure 7-3).
To provide sequential reads the 24LC21 contains an
internal address pointer which is incremented by one at
the completion of each operation. This address pointer
allows the entire memory contents to be serially read
during one operation.
7.4
Noise Protection
The 24LC21 employs a VCC threshold detector circuit
which disables the internal erase/write logic if the VCC
is below 1.5 volts at nominal conditions.
The SCL and SDA inputs have Schmitt Trigger and
filter circuits which suppress noise spikes to assure
proper device operation even on a noisy bus.
FIGURE 7-1:
CURRENT ADDRESS READ
SP
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
Control
Byte
Data (n)
A
C
K
N
O
A
C
K
S
T
O
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com