Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3202-CI/ST Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP3202-CI/ST
Description  2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3202-CI/ST Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP3202-CI/ST Datasheet HTML 13Page - Microchip Technology MCP3202-CI/ST Datasheet HTML 14Page - Microchip Technology MCP3202-CI/ST Datasheet HTML 15Page - Microchip Technology MCP3202-CI/ST Datasheet HTML 16Page - Microchip Technology MCP3202-CI/ST Datasheet HTML 17Page - Microchip Technology MCP3202-CI/ST Datasheet HTML 18Page - Microchip Technology MCP3202-CI/ST Datasheet HTML 19Page - Microchip Technology MCP3202-CI/ST Datasheet HTML 20Page - Microchip Technology MCP3202-CI/ST Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
© 2006 Microchip Technology Inc.
DS21034D-page 17
MCP3202
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
8-Lead TSSOP
Example:
MCP3202
I/PNNN
YYWW
MCP3202
ISNYYWW
NNN
8-Lead MSOP
Example:
XXXX
YYWW
NNN
XXXXXX
YWWNNN
3202
IYWW
NNN
3202I
YWWNNN
*
Standard OTP marking consists of Microchip part number, year code, week code, facility code, mask
rev#, and assembly code.
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it
will be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com